Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 21 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 21 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 17Page - Semtech Corporation ACS411CS Datasheet HTML 18Page - Semtech Corporation ACS411CS Datasheet HTML 19Page - Semtech Corporation ACS411CS Datasheet HTML 20Page - Semtech Corporation ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation ACS411CS Datasheet HTML 23Page - Semtech Corporation ACS411CS Datasheet HTML 24Page - Semtech Corporation ACS411CS Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
CSB
ALE = SCLK
A(0) = SDI
tsu1
tsu2
th1
th2
tpw1
tpw2
A0
R/W
A1
A2
A4
A3
A5
A6
D1
D0
D2
D3
D5
D4
D6
D7
AD(0) = SDO
Z
Figure 11: Write access timing in SERIAL Mode.
Note: preliminary timing information. Timing values marked with * TBA.
Symbol
Parameter
Min
Typ
Max
tsu1
Setup SDI valid to SCLK
10 *
tsu2
Setup CSB
↓ to SCLK↑
10 *
th1
Hold SDI to SCLK
10 *
th2
Hold SCLK
↑ to CSB ↑
10 *
tpw1
SCLK low time
240
tpw2
SCLK high time
240
tp
Time between consecutive accesses
(CSB
↑ to CSB ↓ )
250
uP Interface timing - EPROM mode
In EPROM mode, the ACS4110 takes control of the
bus as master, and reads the device set-up from an
AMD AM27C020 type EPROM at lowest speed
(250ns) after device start-up (system reset). The
EPROM access state machine in the up interface
sequences the accesses. The following figures show
the timing diagrams of the read access for this mode.
For a more detailed timing specification, see AMD
Am27C020 data sheet, July 1993, p. 2-95.
If the microprocessor interface is enabled (UPSEL /
= 0), the default start-up values are taken over from
the pin values as default during reset for the following
control pins:
CM(3:1)
CKC, CKM, TRSEL , RESEL
MSEL(3:1), ENRSB
DR(3:1)
Figure 12: Read access timing in EPROM Mode.
Note: preliminary timing information. Timing values marked with * TBA.
AD
CSB (= OEB)
data
A
address
ZZ
tacc
Symbol
Parameter
Min
Typ
Max
tacc
Delay CSB
↓ or A change to AD valid
-
-
590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com