Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 40 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 40 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation ACS411CS Datasheet HTML 37Page - Semtech Corporation ACS411CS Datasheet HTML 38Page - Semtech Corporation ACS411CS Datasheet HTML 39Page - Semtech Corporation ACS411CS Datasheet HTML 40Page - Semtech Corporation ACS411CS Datasheet HTML 41Page - Semtech Corporation ACS411CS Datasheet HTML 42Page - Semtech Corporation ACS411CS Datasheet HTML 43Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
40
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Pin Description ACS9020 part 3.
Pin Description ACS9020 part 2.
Pin
Sym
IO
Name
Description
49
TXP
I
Data transmit
positive
Positive output of TX data
source.
50
TXN
I
Data transmit
negative
Negative output of TX data
source.
51
TXFLAG
O
Transmit
current
monitor flag
Used to drive external indicator
LED.
52
TXMON
-
Transmit
monitor
current
10K
Ω potentiometer to GND
to adjust TXFLAG threshold
.
53
IBUF
-
Current
reference for
SDATA and
SCLK drivers
470
Ω resistor to VDD (or float
if using external differential o/p
loads
.
54
SDATAN
O
Re-synchronis-
ed negative
data
Re-synchronised negative data
output (120
Ω to GND if IBUF
floating).
55
SDATAP
O
Re-synchronis-
ed positive
data
Re-synchronised positive data
output (120
Ω to GND if IBUF
floating).
56
SCLKN
O
PLL
recovered
clock negative
PLL recovered clock negative
(120
Ω to GND if IBUF
floating).
57
SCLKP
O
PLL
recovered
clock positive
PLL recovered clock positive
(120
Ω to GND if IBUF
floating).
58
GND1
-
Ground
Power supply.
59
VDD
-
Power supply
Power supply, 4.75 - 5.25
Volts.
60
TXEN
O
Logic transmit
window enable
Connect to ENTX if using
internal packet data generator.
61
ENTX
I
Enable
transmit
Set Logic High or Low or to
TXEN.
62
TXSEL
I
Select packet
transmit
Set Logic High or Low.
63
QUIETRX
I
Quiet
reception
Set Logic High or Low.
64
MONRX
I
Monitor PIN
receive select
Set Logic High or Low.
Pin
Sym
IO
Name
Description
26
RXVDD2
-
Pre-amp
power supply
Power supply, 4.75 - 5.25
Volts.
27
COFFP
-
Post amp
offset
capacitor
1nF to COFFN.
28
COFFN
-
Post amp
offset
capacitor
1nF to COFFP.
29
CAGC
-
Preamp AGC
capacitor
10nF to GND.
30
COFFSET
-
Preamp offset
capacitor
10nF to GND.
31
RSET
-
Receiver
current bias
resistor
10nF to GND.
32
VREF
-
Bandgap
reference
10nF to GND.
33
VN
-
Postamp
negative input
Negative output from external
TIA.
34
VP
-
Postamp
positive input
Positive output from external
TIA.
35
PINN
-
Receiver PIN
cathode
Laser/LED PIN cathode.
36
PINP
-
Receiver PIN
anode
Laser/LED PIN anode.
37
PMN
-
Monitor PIN
anode
Laser monitor PIN anode.
38
MONN
-
Monitor PIN
cathode
Laser monitor PIN cathode.
39
TXVDD
-
Power Supply
Power supply, 4.75 - 5.25
Volts.
40
41
LAP
LAN
-
Anode
Cathode
Laser/LED anode.
Laser/LED cathode.
42
TXGND
-
Ground
Power supply.
43
CTXMOD
-
Laser/LED
modulation
Laser/LED modulation current
set smoothing capacitor 10nF to
GND.
44
CTXBIAS
-
Laser/LED
bias
Laser/LED bias current set
smoothing capacitor 10nF to
GND.
45
RMODSET
-
Laser/LED
modulation
Laser/LED modulation current
set resistor 50K
Ω
potentiometer to GND.
46
RBIASSET
-
Laser/LED
bias
Laser/LED bias current set
resistor 50K
Ω potentiometer to
GND.
47
BIASFIX
I
Laser/LED
bias fix
Set Logic High or Low.
48
MODFIX
I
Laser/LED
modulation
current fix
Set Logic High or Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com