Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 32 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 32 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 28Page - Semtech Corporation ACS411CS Datasheet HTML 29Page - Semtech Corporation ACS411CS Datasheet HTML 30Page - Semtech Corporation ACS411CS Datasheet HTML 31Page - Semtech Corporation ACS411CS Datasheet HTML 32Page - Semtech Corporation ACS411CS Datasheet HTML 33Page - Semtech Corporation ACS411CS Datasheet HTML 34Page - Semtech Corporation ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Preliminary Figure23:
Diagram showing ACS9020 and ACS4110
configuration for twin fiber Laser + PIN.
TPOS(16:1)
TNEG(16:1)
TCLK(16:1)
TmD1
TmD2
TmCLK
MSEL(3:1)
CM(3:1)
DR(3:1)
RESEL
TRSEL
CKC
CKM
CONTX
ENRSB
UPSEL(3:1)
ALE
RDB
WRB
CSB
A(4:0)
AD(7:0)
PORB
RPOS(16:1)
RNEG(16:1)
RCLK(16:1)
RmD1
RmD2
RmCLK
TXDATN
TXDATP
ENTX
RXDATN
RXDATP
ERRC
ERRL
DCD
LOSS
RDY
100nF
100K
Ω
VDD
VB
DOUTN
DOUTP
ENRXB
ENTX
ENCOFFB
PINP
PINN
RXMON
Laser
Fiber
PIN Diode
Fiber
10K
Ω
1M
Ω
L = 47 µH R < 1
Ω
GND
100nF
VA+
(VDD)+5V
100 µ F
+
100 nF
(GND) 0V
VDD
L = 47 µH R < 1
Ω
GND
100nF
VB
L = 47 µH R < 1
Ω
GND
100nF
RXVDD1
L = 47 µH R < 1
Ω
GND
100nF
RXVDD2
RXVDD1
RXVDD2
VA+
VDD
IREF
62K
Ω
XTO
XTI
XTAL
COFFP
COFFN
ACS9020
RX
TXDATN
TXDATP
ENTX
TXVDD
LAP
PMN
LAN
TXMON
ACS9020
TX
50K
Ω
50K
Ω
RXVDD2
RXVDD1
VDD
VA+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com