Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 37 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 37 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 33Page - Semtech Corporation ACS411CS Datasheet HTML 34Page - Semtech Corporation ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation ACS411CS Datasheet HTML 37Page - Semtech Corporation ACS411CS Datasheet HTML 38Page - Semtech Corporation ACS411CS Datasheet HTML 39Page - Semtech Corporation ACS411CS Datasheet HTML 40Page - Semtech Corporation ACS411CS Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
37
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Pin Description ACS4110 part 1.
Pin Description ACS4110 part 2.
Pin
Sym
IO
Name
Description
6,38,
52,82,
85,94,
105,139,
161,162
VD+
-
+ve power
supply
Power supply, 4.75 - 5.25
Volts.
115
VA+
-
+ve power
supply
Power supply for Clock
Recovery PLL, 4.75 - 5.25
Volts.
5, 37,
51,81,
84,108,
122,123,
124,128,
130,138,
159,160
GND
-
Ground
Power Supply
41
33
27
21
15
9
1
171
165
47
55
61
67
73
79
154
TPOS1
TPOS2
TPOS3
TPOS4
TPOS5
TPOS6
TPOS7
TPOS8
TPOS9
TPOS10
TPOS11
TPOS12
TPOS13
TPOS14
TPOS15
TPOS16
I
Transmit Data
Positive
Transmit channel 1-16,
corresponds to +ve in bipolar
signal.
42
34
28
22
16
10
2
172
166
48
56
62
68
74
80
153
TNEG1
TNEG2
TNEG3
TNEG4
TNEG5
TNEG6
TNEG7
TNEG8
TNEG9
TNEG10
TNEG11
TNEG12
TNEG13
TNEG14
TNEG15
TNEG16
I
Transmit Data
Negative
Transmit channel 1-16,
corresponds to -ve in bipolar
signal.
39
30
24
18
12
4
174
168
158
44
50
58
64
70
76
87
RPOS1
RPOS2
RPOS3
RPOS4
RPOS5
RPOS6
RPOS7
RPOS8
RPOS9
RPOS10
RPOS11
RPOS12
RPOS13
RPOS14
RPOS15
RPOS16
O
Receive Data
Positive
Receive channel 1-16,
corresponds to +ve in bipolar
signal.
Pin
Sym
IO
Name
Description
36
31
25
19
13
7
175
169
163
45
53
59
65
71
77
88
RNEG1
RNEG2
RNEG3
RNEG4
RNEG5
RNEG6
RNEG7
RNEG8
RNEG9
RNEG10
RNEG11
RNEG12
RNEG13
RNEG14
RNEG15
RNEG16
O
Receive Data
Negative
Receive channel 1-16,
corresponds to -ve in bipolar
signal.
131
DCD
O
Data Carrier
Detect
When DCD=1, then the
communicating modems have
synchronised, and are
communicating.
120
121
XTI/
XTO
-
System Clock
Crystal
Connect fundamental parallel
resonance crystal with
appropriate padding capacitor
to GND.
129
PORB
I
Power On
Reset
Will initialise the device when
PORB= 0. PORB is normally
connected to an RC circuit so
that a POR is automatically
invoked on power-up. PORB=
1 for normal operation.
156
TmCLK
I/O
Transmit
maintenance
CLK
Transmit maintenance Clock.
samples TmD on edge selected
by TRSEL control.
155
RmCLK
O
Receive
maintenance
Clock
Receive maintenance Clock.
samples RmD on edge selected
by RESEL control..
116
RESEL
I
Receive Edge
Select
When RESEL = 1,
RPOS/RNEG and RmD data is
valid on the rising edge of
RCLK/RmCLK. When RESEL
= 0, the data is valid on the
falling edge of RCLK/RmCLK.
104
TRSEL
I
Transmit Edge
Select
When TRSEL = 0,
TPOS/TNEG and TmD data is
latched on the falling edge of
TCLK/TmCLK. When TRSEL
=1, the data is latched on the
rising edge of TCLK/TmCLK.
95
TmD1
I
Transmit
maintenance
Data
NRZ maintenance channel.
TmD is sampled on the
TmCLK clock edge defined by
TRSEL.
92
RmD2
O
Receive
maintenance
Data
NRZ maintenance channel.
RmD is sampled on the
RmCLK clock edge defined by
RESEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com