Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 39 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 39 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation ACS411CS Datasheet HTML 37Page - Semtech Corporation ACS411CS Datasheet HTML 38Page - Semtech Corporation ACS411CS Datasheet HTML 39Page - Semtech Corporation ACS411CS Datasheet HTML 40Page - Semtech Corporation ACS411CS Datasheet HTML 41Page - Semtech Corporation ACS411CS Datasheet HTML 42Page - Semtech Corporation ACS411CS Datasheet HTML 43Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Pin Description of interface signals between ACS9020 and ACS4110.
Pin Description ACS9020 part 1.
Pin
Sym
IO
Name
Description
1
LEDRX
I
LED receive
Set Logic High or Low.
2PINRX
I
PINP/PINN
Receive
Set Logic High or Low.
3
4
XIN
XOUT
-
System Clock
Crystal
External crystal with 20pF
padding capacitor.
5
6
7
F0
F1
F2
I
Frequency set
PLL rate select.
8
PLLVDD
-
VDD for
VCO
Power supply, 4.75 - 5.25
Volts.
9
GND2
-
GND
Power supply.
10
RPLL
-
PLL reference
resistor
62K
Ω to GND
11
ENPLL
I
PLL Enable
Set Logic High or Low.
12
DINP
I
PLL Positive
input data
Connect to DOUTN.
13
DINN
I
PLL Negative
input data
Connect to DOUTP.
14
DOUTP
O
Receiver
Positive output
data
Connect to DINN (220
Ω to
GND if IDOUT floating).
15
DOUTN
O
Receiver
Negative
output data
Connect to DINP (220
Ω to
GND if IDOUT floating).
16
IDOUT
-
Reference
current for
Data output
1K
Ω to VDD (or float if using
external differential o/p loads).
17
ICOFF
-
Bias current
for automatic
offset
compensation
windowing
100K
Ω to RXVDD1 to give
COFFWIN delay of 60ns.
18
CBTSTRP
-
Auto offset
compensation
bootstrap
capacitor
10nF to GND to give 2ms
bootstrap delay (ICOFF =
100K
Ω).
19
COFFWIN
O
Auto output
generated
window output
Connect to ENCOFFB for auto
windowing.
20
ENCOFFB
I
Receiver offset
compensation
enable
Connect o COFFWIN for auto
windowing.
21
ENRXB
I
Receiver
enable
Set to Logic High or Low.
22
RXFLAG
O
Receiver signal
monitor flag
Use to drive external monitor
LED.
23
RXMON
-
Receiver signal
monitor
1M
Ω potentiometer to GND to
adjust RXFLAG threshold
.
24
RXGND
-
Ground
Power supply.
25
RXVDD1
-
Receive power
supply
Power supply, 4.75 - 5.25
Volts.
Pin
Sym
IO
Name
Description
132
61
ENTX
O
I
Enable
Transmit
Transmit active (ACS4110).
Enable transmit (ACS9020).
110
RXDATN
I
Receive data
Negative differential receive
data in (or slicing level in for
RXDATP).
109
RXDATP
I
Receive data
Positive receive data in.
107
TXDATN
O
Transmit data
Negative differential transmit
data in (or slicing level in for
TXDATP).
106
TXDATP
O
Transmit data
Positive transmit data out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com