Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 10 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 10 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 6Page - Semtech Corporation ACS411CS Datasheet HTML 7Page - Semtech Corporation ACS411CS Datasheet HTML 8Page - Semtech Corporation ACS411CS Datasheet HTML 9Page - Semtech Corporation ACS411CS Datasheet HTML 10Page - Semtech Corporation ACS411CS Datasheet HTML 11Page - Semtech Corporation ACS411CS Datasheet HTML 12Page - Semtech Corporation ACS411CS Datasheet HTML 13Page - Semtech Corporation ACS411CS Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
For example: 4 x 16kbps maintenance channels.
select MSEL(3:1) = 010, total available bandwidth on
TMD1 is 64kbps and frame every 4th bit. The "framing"
channel TMD2 is bit locked to the data channel TMD1.
Diagnostic Modes and Configuration
The diagnostic and configuration modes available for
the main channels are also available for the
maintenance channels. CM(3:1) also controls the
maintenance channels, while all modes including
remote loopback and local loopback are also selectable
individually via the microprocessor interface.
Transmit and Receive Clock
The ACS4110 gives the choice between internally or
externally generated TmCLK under the control of the
CKM pin. When the CKM pin is held Low, TmCLK
is configured as an output producing a clock at the
data rate determined by MSEL(3:1). When the CKM
pin is held High, TmCLK is configured as an input,
and will accept an externally produced transmission
clock at the data rate determined by MSEL(3:1).
Input data appearing on the TMD1/2 inputs is latched
into the device on either the rising or falling edge of
the TmCLK clock depending on the setting of TRSEL.
This data appears at the RMD1/2 outputs of the far-
end modem on the rising or falling edge of the
RmCLK clock depending on the setting of RESEL
(
see Figure 21. Timing diagrams). To ensure that
the average receive frequency is the same as the
transmitted frequency, RmCLK is generated from a
Digital Phase-Lock Loop (DPLL) system.
Whilst
the
TMD1/RMD1
and
TMD2/RMD2
maintenance channels have a fixed phase
relationship with each other, they do not have a fixed
phase relationship with the main TPOS/TNEG data
transmission channels.
loopback test can be initiated via the microprocessor
interface (in all microprocessor modes), giving
independent control for each channel. All channels
can be simultaneously initiated into local loopback
when the microprocessor mode is disabled via the
CM(3:1) pins.
Remote Loopback
In remote loopback mode, both modems are
exercised completely, as well as the Lasers/LEDs
and the fiber optic link. The remote loopback test is
normally used to check the integrity of the entire link
from the near-end (initiating modem).
Whilst a device is responding to a request for remote
loopback from the far-end, requests from the near-
end to initiate remote loopback will be ignored.
The remote back request can be initiated by either
the near end modem (the near-end modem sends a
request to the far-end modem to loopback its received
data) or by the far end modem itself. In both cases
the far end modem loops back the received data to
the near end.
The remote loopback test can be initiated via the
microprocessor interface (in all microprocessor
modes), giving independent control for each channel.
All channels can be simultaneously initiated into
remote loopback when the microprocessor mode is
disabled via the CM(3:1) pins.
Maintenance channel
The ACS4110 offers up to 2 synchronous maintenance
channel consisting of the following signals:
Transmit Side
TMD1
transmit NRZ data/framing
TMD2
transmit NRZ data/framing
TmCLK
transmit clock (internal or external)
Receive Side
RMD1
receive NRZ data/framing
RMD2
receive NRZ data/framing
RmCLK
receive clock
Maintenance Data Rate Selection
The data rate can be selected via the maintenance
data rate selection bits MSEL(3:1), either directly via
pins or via the microprocessor interface.
TMD1/RMD1 and TMD2/RMD2 support up to 256kbps
synchronous data synchronised to TmCLK/RmCLK.
They can be used as two independent channels giving
a total available bandwidth to 512kbps.
Alternatively, TMD1 or TMD2, together with a specific
data rate selection, can be used to divide the bandwidth
of the remaining maintenance channel into sub-
channels with a certain data rate, defined in Table 7.
MSEL(3:1)
Data Rate (kbps)
101
8
100
16
011
32
010
64
001
128
000
256
Table 7: Maintenance Channel Data Rate Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com