Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 22 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 22 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 18Page - Semtech Corporation ACS411CS Datasheet HTML 19Page - Semtech Corporation ACS411CS Datasheet HTML 20Page - Semtech Corporation ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation ACS411CS Datasheet HTML 23Page - Semtech Corporation ACS411CS Datasheet HTML 24Page - Semtech Corporation ACS411CS Datasheet HTML 25Page - Semtech Corporation ACS411CS Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
22
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Address
Bit
Access
Name
Description
0x00
7-0
R
id<7:0>
Device identification number.
0x01
7-0
R/W
ch_enb<8:1>
Channel enable (active low) for channels 1 to 8.
0x02
7-0
R/W
ch_enb<16:9> Channel enable (active low) for channels 9 to 16.
0x03
7-0
R/W
cm1<8:1>
Configuration mode CM bit 1 for channels 1 to 8.
0x04
7-0
R/W
cm1<16:9>
Configuration mode CM bit 1 for channels 9 to 16.
0x05
7-0
R/W
cm2<8:1>
Configuration mode CM bit 2 for channels 1 to 8.
0x06
7-0
R/W
cm2<16:9>
Configuration mode CM bit 2 for channels 9 to 16.
0x07
7-0
R/W
cm3<8:1>
Configuration mode CM bit 3 for channels 1 to 8.
0x08
7-0
R/W
cm3<16:9>
Configuration mode CM bit 3 for channels 9 to 16.
0x09
7-0
R/W
pol1<8:1>
Line code polarity POL bit 1 for channels 1 to 8.
0x0A
7-0
R/W
pol1<16:9>
Line code polarity POL bit 1 for channels 9 to 16.
0x0B
7-0
R/W
pol2<8:1>
Line code polarity POL bit 2 for channels 1 to 8.
0x0C
7-0
R/W
pol2<16:9>
Line code polarity POL bit 2 for channels 9 to 16.
0x0D
7-0
R/W
pol3<8:1>
Line code polarity POL bit 3 for channels 1 to 8.
0x0E
7-0
R/W
pol3<16:9>
Line code polarity POL bit 3 for channels 9 to 16.
0x0F
7-0
R/W
ckc<8:1>
Clock direction select for channels 1 to 8.
0x10
7-0
R/W
ckc<16:9>
Clock direction select for channels 9 to 16.
0x11
7-0
R/W
trsel<8:1>
Transmit clock edge select for channels 1 to 8.
0x12
7-0
R/W
trsel<16:9>
Transmit clock edge select for channels 9 to 16.
0x13
7-0
R/W
resel<8:1>
Receive clock edge select for channels 1 to 8.
0x14
7-0
R/W
resel<16:9>
Receive clock edge select for channels 9 to 16.
0x15
7
-
6-4
R/W
cm_m<3:1>
Configuration mode CM for maintenance channel.
3
R/W
CKLOCAL
Local Tx/Rx CLK setup in remote control mode
2
R/W
CKM
Clock direction select maintenance channel.
1
R/W
trsel_m
Transmit clock edge select for maintenance channel.
0
R/W
resel_m
Receive clock edge select for maintenance channel.
0x16
7
-
6-4
R/W
MSEL<3:1>
Maintenance channel data rate select.
3
R/W
ENRSB
Enable remote control setup.
2-0
R/W
DR<3:1>
Data rate select.
0x17
7-0
R
rl_det<8:1>
Near-end remote loop-back detect channels 1 to 8.
0x18
7-0
R
rl_det<16:9>
Near-end remote loop-back detect channels 9 to 16.
0x19
7-0
R
ll_det<8:1>
Far-end local loop-back detect channels 1 to 8.
0x1A
7-0
R
ll_det<16:9>
Far-end local loop-back detect channels 9 to 16.
0x1B
7-2
-
1
R
rlm_det
Near-end remote loop-back detect for maintenance channel.
0
R
llm_det
Far-end local loop-back detect for maintenance channel.
0x1C
7
R
DCD
Data carrier detect status.
6
R
LOSS
Loss of signal status.
5
R/W
ERRL
Error latch.
4-
3
R/W
fail_ne
Alarm indication for near-end receive fail.
2
R/W
fail_fe
Alarm indication for far-end receive fail.
1
R
resync_ne
Near-end device has entered re-synchronization.
0
R
resync_fe
Far-end device has entered re-synchronization.
0x1D
7-0
R/W
errc<7:0>
8-bit saturating error counter (reset by write).
0x1E
7-0
R/W
tm<7:0>
Test mode select.
0x1F
7-0
-
Table 15: Memory Map
Memory Map
Table 15 shows the memory map of the ACS4110. The
location names are chosen to match the corresponding
pin names. Signals not directly equivalent to pins are in
lower case.
The device identification number id<7:0> on address
0x00 is used in EPROM mode to check if an external
memory device is connected. The value to be
programmed is 0xAA.
The whole chip set-up except DR<3:1> can be
controlled individually for each channel.
The error counter errc<7:0> (address 0x1D) is an 8-bit
saturating counter for the ERRC error pulse. A write of
a 0x00 mask to this address clears the counter to 0x00.
The status signals ERRL, fail_ne, fail_fe can also be
cleared by writing a 0 to the specific bit in the address.
For example, writing a mask of 0xDF to address 0x1C
clears the ERRL signal, but leaves other status signals
unchanged.
If the microprocessor interface is enabled (UPSEL /=
0), the default start-up values of all control bits except
POL(3:1) and CKLOCAL are taken over from the pin
values as default during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com