Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 33 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 33 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 29Page - Semtech Corporation ACS411CS Datasheet HTML 30Page - Semtech Corporation ACS411CS Datasheet HTML 31Page - Semtech Corporation ACS411CS Datasheet HTML 32Page - Semtech Corporation ACS411CS Datasheet HTML 33Page - Semtech Corporation ACS411CS Datasheet HTML 34Page - Semtech Corporation ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation ACS411CS Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Figure 24: Diagram showing ACS9020 configuration for use with a 3-pin laser.
LEDRX
=
GND
PINRX
=
GND
XIN
=
GND
XOUT
=
float
F(2:0)
=
GND
RPLL
=
float
ENPLL
=
GND
DINP
=
GND
DINN
=
GND
DOUTP
=
float
DOUTN
=
float
IDOUT
=
GND
ICOFF
=
GND
CBTSTRP
=
GND
COFFWIN
=
float
ENCOFFB
=
GND
ENRXB
=
VDD
RXFLAG
=
float
RXMON
=
float
COFFP
=
float
COFFN
=
float
CAGC
=
float
COFFSET
=
float
VN
=
float
VP
=
float
PINN
=
float
PINP
=
float
MONN
=
float
BIASFIX
=
GND/VDD*
MODFIX
=
GND/VDD*
IBUF
=
GND
SDATAN
=
float
SDATAP
=
float
SCLKN
=
float
SCLKP
=
float
TXEN
=
float
TXSEL
=
GND
QUIETRX
=
GND
MONRX
=
GND
When employing a 4-pin Laser,
the MONN pin is connected to the
cathode of the laser's pin-monitor
diode
TXDATAN
TXDATAP
ENTX
TXVDD
LAP
MONP
LAN
TXFLAG
TXMON
Laser
Fiber
50K
Ω
50K
Ω
10K
Ω
RXVDD2
RXVDD1
VDD
VA+
TXDATAN
TXDATAP
ENTX
ACS9020
LEDRX
=
GND
PINRX
=
GND
XIN
=
GND
XOUT
=
float
F(2:0)
=
GND
RPLL
=
float
ENPLL
=
GND
DINP
=
GND
DINN
=
GND
DOUTP
=
float
DOUTN
=
float
IDOUT
=
GND
ICOFF
=
GND
CBTSTRP
=
GND
COFFWIN
=
float
ENCOFFB
=
GND
ENRXB
=
VDD
RXFLAG
=
float
RXMON
=
float
COFFP
=
float
COFFN
=
float
CAGC
=
float
COFFSET
=
float
VN
=
float
VP
=
float
PINN
=
float
PINP
=
float
MONN
=
float
MONP
=
float
BIASFIX
=
GND/VDD*
MODFIX
=
GND/VDD*
IBUF
=
GND
SDATAN
=
float
SDATAP
=
float
SCLKN
=
float
SCLKP
=
float
TXEN
=
float
TXSEL
=
GND
QUIETRX
=
GND
MONRX
=
GND
Figure 25: Diagram showing ACS9020 configuration for LED transmission.
TXDATAN
TXDATAP
ENTX
TXVDD
LAP
LAN
TXFLAG
TXMON
50K
Ω
50K
Ω
10K
Ω
RXVDD2
RXVDD1
VDD
VA+
TXDATAN
TXDATAP
ENTX
LED
Fiber
ACS9020
* configure with a jumper to enable/disable automatic
bias power and modulation power regulation.
* configure with a jumper to enable/disable automatic
bias power and modulation power regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com