Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 25 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 25 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation ACS411CS Datasheet HTML 23Page - Semtech Corporation ACS411CS Datasheet HTML 24Page - Semtech Corporation ACS411CS Datasheet HTML 25Page - Semtech Corporation ACS411CS Datasheet HTML 26Page - Semtech Corporation ACS411CS Datasheet HTML 27Page - Semtech Corporation ACS411CS Datasheet HTML 28Page - Semtech Corporation ACS411CS Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Jitter Characteristics
The receive path includes a Phase Locked Loop block,
which provides an independent PLL for each
transmission channel. The purpose of each PLL is to
regenerate the clock signal such that it tracks the
transmit clock of the far end modem. The PLL will also
attenuate the jitter present in the received data stream.
For E1, E2, T1 and T2 modes, the PLL algorithm
implemented is entirely digital. For E3, T3 and OC1/
STS1 modes, the PLL block utilised a mixed signal PLL
algorithm. The mixed signal PLL does not require the
use of external tuning components.
T1 Jitter Tolerance
0.1
1
10
100
1000
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
T1 Jitter Transfer
-60
-50
-40
-30
-20
-10
0
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
The dynamic range of all PLL algorithms is +/- 500ppm.
The dynamic range is used to accommodate oscillator
frequency differences between the two communicating
modems, as well as any jitter and wander present in the
received data stream.
The jitter characteristics for the ACS4110 is independent
of the binary content of the transmitted data stream.
T1 Jitter specification
When configured for T1 operation, the Jitter Tolerance
and Jitter Transfer performance conforms to that
specified in AT&T Publication 62411.
Figure 15: T1 Jitter specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com