Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 7 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 7 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 3Page - Semtech Corporation ACS411CS Datasheet HTML 4Page - Semtech Corporation ACS411CS Datasheet HTML 5Page - Semtech Corporation ACS411CS Datasheet HTML 6Page - Semtech Corporation ACS411CS Datasheet HTML 7Page - Semtech Corporation ACS411CS Datasheet HTML 8Page - Semtech Corporation ACS411CS Datasheet HTML 9Page - Semtech Corporation ACS411CS Datasheet HTML 10Page - Semtech Corporation ACS411CS Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
System Frequencies and Clock Generation
The crystal clock frequency and the multiplying factors
of the MPLL are determined by the choice of data
rates. Table 2 lists the required frequencies of the
system.
Mode
Data Rate
XTAL
Fsys
MHz
MHz
MHz
16 x T1
1.544
23.160
69.480
16 x E1
2.048
22.528
67.584
7 x T2
6.312
23.144
69.432
4 x E2
8.448
22.528
67.584
1 x E3
34.368
22.912
68.736
1 x T3
44.736
22.368
67.104
1 x OC1
51.840
25.920
77.760
Table 2: System frequencies
Data Coding
The main synchronous channels may use any of the
following coding methods: NRZ, AMI, HDB3, B3ZS,
B6ZS and B8ZS. The desired mode is selected by
POL(3:1) input pins, as shown in Table 3.
Data
POL3
POL2
POL1
Coding
NRZ
0
0
0
AMI
0
0
1
HDB3
0
1
0
B8ZS
0
1
1
B6ZS
1
0
0
B3ZS
1
0
1
NRZ
1
1
0
NRZ
1
1
1
Table 3: Line coding selection
For Non-Return-to-Zero (NRZ) coding, data is applied
directly to TPOS inputs, and output data appears
only on the RPOS output pins
. When using NRZ
code, unconnected TNEG input pins will automatically
pull-up to VD+. In addition, the ACS411CS will assert
a continuous Low on redundant RNEG output pins.
AMI, B3ZS, B6ZS, B8ZS and HDB3 coding is
normally bipolar. However, it is possible to interface
with the ACS411CS using two inputs and outputs
rather than a single bipolar interface. Data equivalent
to positive excursions of the bipolar AMI/BxZS/HDB3
signal are applied as a logic High to TPOS, while
data equivalent to negative excursions are applied
as a logic High to TNEG. Similarly, AMI/BxZS/HDB3
positive excursions will appear as a logic High on
RPOS and negative excursions will appear as a logic
High on RNEG.
It is anticipated that most users of the ACS411CS
will interface directly with a E1/T1 framers. All the
popular framers provide POS/NEG bipolar interfaces
which will directly connect to the ACS4110.
If required, a detailed description of the AMI/HDB3/
BxZS coding rules are available from Acapella.
Data Rate Selection
For the purpose of this specification TPN1 represents
the set of signals TPOS1 and TNEG1, and RPN1
represents the set of signals RPOS1 and RNEG1.
See section headed,
Data Coding for a description
of the coding types.
The maximum recommended crystal (XTAL) is
26.88MHz. An internal multiplier factors the XTAL
frequency by 3.
The maximum bandwidth is
51.840MHz (OC1). This bandwidth can be utilised
in various ways, it may be divided up over 1, 4, 7 or
16 channels.
All 16 main channels are completely independent. One
channel consists of the following 6 signals:
Transmit side:
TPOS
+ve in bipolar signal or NRZ data
TNEG
-ve in bipolar signal TPOS
TCLK
transmit clock (internal or external)
Receive side:
RPOS
+ve in bipolar signal or NRZ data
RNEG
-ve in bipolar signal or NRZ data
RCLK
receive clock
The data rate can be selected via the data rate selection
bits DR(4:1), either directly via pins or via the
microprocessor interface. The selection determines
the number of active channels in combination with the
selected crystal frequency and the line data rate in
accordance with Table 4.
DR Pins
TCLK
Nos. of
Tmode
3
2
1
(MHz)
channels
1
1
0
1.544
16
16 x T1
1
0
1
2.048
16
16 x E1
1
0
0
6.312
7
7 x T2
0
1
1
8.448
4
4 x E2
0
1
0
34.368
1
1 x E3
0
0
1
44.736
1
1 x T3
0
0
0
51.840
1
1 x OC1
Table 4: Data rate and channel selection
Channels not used in a specific mode are disabled. For
example in 4 x E2 mode channels 1 to 4 are carrying
E2 data rates, and channels 5 to 16 are disabled. All
channels can be disabled individually via the
microprocessor interface, or alternatively via far-end
remote control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com