Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 13 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 13 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 9Page - Semtech Corporation ACS411CS Datasheet HTML 10Page - Semtech Corporation ACS411CS Datasheet HTML 11Page - Semtech Corporation ACS411CS Datasheet HTML 12Page - Semtech Corporation ACS411CS Datasheet HTML 13Page - Semtech Corporation ACS411CS Datasheet HTML 14Page - Semtech Corporation ACS411CS Datasheet HTML 15Page - Semtech Corporation ACS411CS Datasheet HTML 16Page - Semtech Corporation ACS411CS Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
SERIAL mode
The SERIAL mode (uPSEL = 5) enables the
ACS4110 to interface with a serial microprocessor
bus. The bus interface pins are defined in Table 14.
Pin
Dir
Description
CSB
I
Active low chip select
ALE
I
= SCLK: Serial interface clock
A(1)
I
= CLKE: Active SCLK edge selection
control bit
A(0)
I
= SDI: Serial data input
AD(0)
O
= SDO: Serial data output
Table 14: uP Bus Interface Pins for SERIAL mode.
Remote Control
The device setup of one modem can be over-ridden
with the device set up from the other modem when
remote control is enabled from the ENRSB pin. To
enable remote control mode, ENRSB pin is held Low
(Logic 0). If a modem is set up in remote control, the
data from the control modem overides the local
microprocessor interface or pin set-up of the remote
controlled modem. The signals that will be over-ridden
are defined in Table 15.
Name
Description
ch_enb(16:1) Channel enable defined in local microprocessor
for individual channel setup
DR(3:1)
Data rate select
POL(3:1)
Line code polarity select
CM(2:1)
Configuration mode(full-duplex/master/slave)
TRSEL
Clock edge select for transmit clocks
RESEL
Clock edge select for receive clocks
CKM
Clock direction select maintenance channel
CKC
Clock direction select main channels(combined)
MSEL(3:1)
Maintenance channel data rate select
Table 15: Remote Control Device Setup.
Remote control is only possible in one direction (only
one modem allowed with ENRSB = 0).
ACS411CS
twin fiber link
ENRSB = 0
Control Modem
ACS411CS
Remote Controlled Modem
ENRSB = 1
CKLOCAL
CM(3:1), POL(3:1)
CKC, CKM, TRSEL, RESEL
DR(3:1), MSEL(3:1)
CM(3:1), POL(3:1)
DR(3:1), MSEL(3:1)
CKC, CKM, TRSEL, RESEL
CKLOCAL=0:
CKC, CKM, TRSEL, RESEL
CKLOCAL=1:
The near-end modem has to be setup as the control
device (ENRSB=0) in order to configure the far-end by
remote control. If both modems are setup as control
devices (ENRSB=0), data transmission and reception
will be disabled.
When in remote setup, the signal CKLOCAL selects
whether the Tx/Rx clock settings (CKC, CKM, RESEL,
TRSEL, trsel_m and resel_m) should be taken from
the controlling device (CKLOCAL=0) or locally
(CKLOCAL=1).
The diagram in Figure 1 shows the configurations in
Remote Control mode.
Figure 3: Remote Control Mode and ENRSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com