Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 24 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 24 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 20Page - Semtech Corporation ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation ACS411CS Datasheet HTML 23Page - Semtech Corporation ACS411CS Datasheet HTML 24Page - Semtech Corporation ACS411CS Datasheet HTML 25Page - Semtech Corporation ACS411CS Datasheet HTML 26Page - Semtech Corporation ACS411CS Datasheet HTML 27Page - Semtech Corporation ACS411CS Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Twin Fiber LASER link (1310nm Laser and PIN)
Link Budget Example (Rtset set so LASER launch current = 25 mA peak)
Fiber type Glass (single mode)
Fiber size 9 micron
Minimum transmit couple power to fiber (µW)
1000
Minimum PIN responsivity (A/W)
0.8
Minimum ACS9020 sensitivity (nA)
1500
Minimum input power to ACS9020 amplifier (µW)
4
Link budget (dB) (single mode fiber attenuation = 0.3 dB/km)
27
Twin Fiber LED link (880nm LED + PIN)
Link Budget Example (Rtset set so LED launch current = 100 mA peak)
Fiber type Glass (multimode)
Fiber size 62.5micron
Minimum transmit couple power to fiber (µW)
100
Minimum PIN responsivity (A/W)
0.1
Minimum ACS9020 sensitivity (nA)
1500
Minimum input power to ACS9020 amplifier (µW)
20
Link budget (dB) (multi mode fiber attenuation = 3 dB/km)
8.24
Link Budgets
The link budget is the difference between the power
coupled to the fiber via the transmit Laser/LED and
the power required to realise the minimum input-
amplifier current via the receive PIN/LED. The link
budget is normally specified in dB, and represents
the maximum attenuation allowed between
communicating Lasers/LEDs. The budget is utilised
in terms of the cable length, cable connectors and
splices. It usually includes an operating margin to
allow for degradation in LASER/LED performance.
The power coupled to the cable is a function of the
efficiency of the Laser/LED, the current applied to
the Laser/LED and the type of the fiber optic cable
employed.
Single Fiber LASER link (1310nm and 1510nm WDM device)
Link Budget Example (Rtset set so LASER launch current = 25 mA peak)
Fiber type Glass (single mode)
Fiber size 9 micron
Minimum transmit couple power to fiber (µW)
1000
Minimum PIN responsivity (A/W)
0.8
Minimum ACS9020 sensitivity (nA)
1500
Minimum input power to ACS9020 amplifier (µW)
4
Link budget (dB) (single mode fiber attenuation = 0.3 dB/km)
27
Figure 14: Link bugdet examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com