Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 35 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 35 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 31Page - Semtech Corporation ACS411CS Datasheet HTML 32Page - Semtech Corporation ACS411CS Datasheet HTML 33Page - Semtech Corporation ACS411CS Datasheet HTML 34Page - Semtech Corporation ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation ACS411CS Datasheet HTML 37Page - Semtech Corporation ACS411CS Datasheet HTML 38Page - Semtech Corporation ACS411CS Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
35
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
1 LEDRX
2 PINRX
3 XIN
4 XOUT
5F0
6F1
7F2
8 PLLVDD
9 GND2
10 RPLL
11 ENPLL
12 DINP
13 DINN
14 DOUTP
15 DOUTN
16 IDOUT
17 ICOFF
18 CBTSTRP
19 COFFWIN
20 ENCOFFB
21 ENRXB
22 RXFLAG
23 RXMON
24 RXGND
25 RXVDD1
26 RXVDD2
27 COFFP
28 COFFN
29 CAGC
30 COFFSET
31 RSET
32 VREF
64
MONRX
63
QUIETRX
62
TXSEL
61
ENTX
60
TXEN
59
VDD
58
GND1
57
SCLKP
56
SCLKN
55
SDATAP
54
SDATAN
53
IBUF
52
TXMON
51
TXFLAG
50
TXN
49
TXP
48
MODFIX
47
BIASFIX
46
RBIASSET
45
RMODSET
44
CTXBIAS
43
CTXMOD
42
TXGND
41
LAN
40
LAP
39
TXVDD
38
MONN
37
PMN
36
PINP
35
PINN
34
VP
33
VN
Figure 28: Top view of 64 pin TQFP package.
RES = Reserved, IC = Internally Connected
ACAPELLA
ACS9020
2-Fiber Modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com