Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 23 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 23 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 19Page - Semtech Corporation ACS411CS Datasheet HTML 20Page - Semtech Corporation ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation ACS411CS Datasheet HTML 23Page - Semtech Corporation ACS411CS Datasheet HTML 24Page - Semtech Corporation ACS411CS Datasheet HTML 25Page - Semtech Corporation ACS411CS Datasheet HTML 26Page - Semtech Corporation ACS411CS Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
23
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Laser/LED Considerations
Since LEDs or Lasers from different suppliers may
emit different wavelengths, it is recommended that
the Lasers/LEDs in a communicating pair of modems
are obtained from the same supplier. Acapella will
assist with contact names and addresses on request.
Power Supply Decoupling
The ACS9020 contains a highly sensitive amplifier,
capable of responding to extremely low current levels.
To exploit this sensitivity it is important to reduce
external noise to a low level compared to the input
signal from the Laser/LED. The modem should have
an independent power trace to the point where power
enters the board.
The Laser/LED should be sited very close to the
PMN, PINP, PINN, LAN and LAP pins. A generous
ground plane should be provided, especially
surrounding the sensitive PINP and PINN tracks from
the ACS9020 pins to the optical component. The
modem should be protected from EMI/RFI sources
in the standard ways.
LOSS ( Loss Of Synchronisation)
There are two conditions that will make LOSS go to
Logic 1. These are:
i) Loss of synchronisation - synchronisation windows
incorrectly aligned i.e DCD=0.
ii) 64 received symbols break the 8B10B encoding
rules in a sequence of 256 symbols.
In order to return LOSS to the Logic 0 state the
following criteria must be met:
i)
The
devices
must
be
synchronised
-
synchronisation windows correctly aligned i.e DCD=1.
ii) There are no received symbols in a sequence of
256 symbols which break the 8B10B coding rules.
Figure 13: Power supply considerations.
Place all power supply inductors and
decoupling capacitors as close to the
ACS9020 device as possible.
GND
100nF
VDD
VDD
VDD
+5V
100 µ F
+
100 nF
(GND) 0V
VDD
L = 47 µH R < 1
Ω
100nF
GND
VB
TXVDD
GND
100nF
VDD
GND
GND
VD+
GND
ACS9020
(2 off)
ACS4110
GND
100nF
GND
100nF
GND
100nF
VDD
VA+
GND
VB
100nF
Place all power supply decoupling
capacitors as close to the
ACS4110 device as possible.
VD+ pins are 6, 38, 52,
82, 85, 94, 105, 139, 161,
162
GND pins are 5, 37, 51, 81,
84, 108, 122, 123, 124, 128,
130, 138, 159, 160
GND pins are 9, 24, 42, 58
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com