Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 1 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 1 Page - Semtech Corporation

  ACS411CS Datasheet HTML 1Page - Semtech Corporation ACS411CS Datasheet HTML 2Page - Semtech Corporation ACS411CS Datasheet HTML 3Page - Semtech Corporation ACS411CS Datasheet HTML 4Page - Semtech Corporation ACS411CS Datasheet HTML 5Page - Semtech Corporation ACS411CS Datasheet HTML 6Page - Semtech Corporation ACS411CS Datasheet HTML 7Page - Semtech Corporation ACS411CS Datasheet HTML 8Page - Semtech Corporation ACS411CS Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Acapella Optical Modem IC
ACS411CS Main Features
General Description
The ACS411CS is a complete controller, driver and receiver chipset supporting
full-duplex synchronous transmission up to 51.840Mbps over single/twin
optical fiber. The designer can share the available bandwidth over 1 to 16
main channels.
In addition to the main channels, the ACS411CS provides two independent
maintenance channels with a data rate selectable up to 256kbps. On the
electrical side the ACS411CS has a selectable interface for either NRZ or
the pseudo bipolar data coding types HDB3/AMI/B3ZS/B6ZS/B8ZS.
The ACS411CS has a parallel microprocessor bus interface. This can be
used for device set-up, diagnostics, control and status analysis. Additional
flags for Tx data status, Rx data status and alarm indication for both near
end and far end receive fail are accessible via the uP interface.
Communicating modems automatically maintain synchronization with each
Twin fiber full duplex system using ACS411CS chip set
with external T1/E1 Framer ICs and microprocessor.
*
Three chip set supporting full duplex serial transmission over
twin optical fiber, one fiber with WDM.
*
Configurable parallel microprocessor bus interface.
*
Up to 16 independent synchronous data channels.
1 x OC1 (STS1) @ 51.840Mbps
1 x E3/T3
4 x E2, 7 x T2
16 x E1/T1
*
Select between NRZ and pseudo-bipolar HDB3/AMI/B3ZS/
B6ZS/B8ZS input data coding types.
*
Incorporates 2 x 256kbps maintenance channels with optionof
multi channel operation with a framing signal.
*
Link budgets of 27dB with Laser + PIN on single mode fiber.
*
Conforms to all jitter attenuation, jitter transfer and input jitter
tolerance specification defined by AT&T, ITU-T and Bellcore
recommendations.
*
Bit Error Rate (BER) of < 10-10
*
ACS9020 available in 64 pin TQFP and ACS4110 available in
176 pin TQFP package.
Twin Fiber Link
16 transmit data channels
16 receive data channels
16 transmit data clocks
16 receive data clocks
2 transmit maint. channels
2 receive maint. channels
1 transmit maint. clock
1 receive maint. clock
TPOS1/TNEG1
TPOS16/TNEG16
RPOS1/RNEG1
RPOS16/RNEG16
TCLK(16:1)
RCLK(16:1)
TmD1/RmD1
TmD2/RmD2
TmCLK/RmCLK
ACS411CS
RPOS1/RNEG1
RPOS16/RNEG16
TPOS1/TNEG1
TPOS16/TNEG16
RCLK(16:1)
TCLK(16:1)
RmD1/TmD1
RmD2/TmD2
RmCLK/TmCLK
ACS411CS
16to1 Mux
1to16 Mux
1to16 Mux
16to1 Mux
8 bit parallel
bus interface
device setup
mode contr ol
Tx data status
Rx data status
status reset
device setup
mode contr ol
Tx data status
Rx data status
status reset
8 bit parallel
bus interface


Similar Part No. - ACS411CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS401 SEMTECH-ACS401 Datasheet
88Kb / 8P
Acapella Optical Modem IC
logo
STMicroelectronics
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
logo
Semtech Corporation
ACS406CS SEMTECH-ACS406CS Datasheet
127Kb / 2P
4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
logo
XP Power Limited
ACS40US03 XPPOWER-ACS40US03 Datasheet
167Kb / 2P
AC-DC Power Supplies
ACS40US05 XPPOWER-ACS40US05 Datasheet
167Kb / 2P
AC-DC Power Supplies
More results

Similar Description - ACS411CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
Acapella Optical Modem IC
ACS103 SEMTECH-ACS103 Datasheet
52Kb / 10P
Acapella Optical Modem IC
ACS401 SEMTECH-ACS401 Datasheet
88Kb / 8P
Acapella Optical Modem IC
logo
List of Unclassifed Man...
ATA1088 ETC1-ATA1088 Datasheet
249Kb / 13P
OPTICAL MOUSE SENSOR IC
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
Optical Fiber Transmitting IC
42-DL212 SITI-42-DL212 Datasheet
117Kb / 6P
Optical Fiber Transmitting IC
42-DL214 SITI-42-DL214 Datasheet
412Kb / 6P
Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
Optical Fiber Receiving IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
Optical Fiber Transmitting IC
logo
alpha microelectronics ...
AMG-SO204 ALPHA-MICRO-AMG-SO204 Datasheet
767Kb / 30P
Optical Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com