Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 36 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 36 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 32Page - Semtech Corporation ACS411CS Datasheet HTML 33Page - Semtech Corporation ACS411CS Datasheet HTML 34Page - Semtech Corporation ACS411CS Datasheet HTML 35Page - Semtech Corporation ACS411CS Datasheet HTML 36Page - Semtech Corporation ACS411CS Datasheet HTML 37Page - Semtech Corporation ACS411CS Datasheet HTML 38Page - Semtech Corporation ACS411CS Datasheet HTML 39Page - Semtech Corporation ACS411CS Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
36
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
Figure 29: Top view of 176 pin TQFP package.
RES = Reserved, IC = Internally Connected
1
TPOS7
2
TNEG7
3
RCLK6
4
RPOS6
5
GND
6
VD+
7
RNEG6
8
TCLK6
9
TPOS6
10
TNEG6
11
RCLK5
12
RPOS5
13
RNEG5
14
TCLK5
15
TPOS5
16
TNEG5
17
RCLK4
18
RPOS4
19
RNEG4
20
TCLK4
21
TPOS4
22
TNEG4
23
RCLK3
24
RPOS3
25
RNEG3
26
TCLK3
27
TPOS3
28
TNEG3
29
RCLK2
30
RPOS2
31
RNEG2
32
TCLK2
33
TPOS2
34
TNEG2
35
RCLK1
36
RNEG1
37
GND
38
VD+
39
RPOS1
40
TCLK1
41
TPOS1
42
TNEG1
43
RCLK10
44
RPOS10
45
RNEG10
46
TCLK10
47
TPOS10
48
TNEG10
49
RCLK11
50
RPOS11
51
GND
52
VD+
53
RNEG11
54
TCLK11
55
TPOS11
56
TNEG11
57
RCLK12
58
RPOS12
59
RNEG12
60
TCLK12
61
TPOS12
62
TNEG12
63
RCLK13
64
RPOS13
65
RNEG13
66
TCLK13
67
TPOS13
68
TNEG13
69
RCLK14
70
RPOS14
71
RNEG14
72
TCLK14
73
TPOS14
74
TNEG14
75
RCLK15
76
RPOS15
77
RNEG15
78
TCLK15
79
TPOS15
80
TNEG15
81
GND
82
VD+
83
TCLK16
84
GND
85
VD+
86
RCLK16
87
RPOS16
88
RNEG16
176
TCLK7
175
RNEG7
174
RPOS7
173
RCLK7
172
TNEG8
171
TPOS8
170
TCLK8
169
RNEG8
168
RPOS8
167
RCLK8
166
TNEG9
165
TPOS9
164
TCLK9
163
RNEG9
162
VD+
161
VD+
160
GND
159
GND
158
RPOS9
157
RCLK9
156
TmCLK
155
RmCLK
154
TPOS16
153
TNEG16
152
AD7
151
AD6
150
AD5
149
AD4
148
AD3
147
AD2
146
AD1
145
AD0
144
A4
143
A3
142
A2
141
A1
140
A0
139
VD+
138
GND
137
RDY
136
CSB
135
WRB
134
RDB
133
ALE
132
ENTX
131
DCD
130
GND
129
PORB
128
GND
127
UPSEL1
126
UPSEL2
125
UPSEL3
124
GND
123
GND
122
GND
121
XTO
120
XTI
119
DR1
118
DR2
117
DR3
116
RESEL
115
VA+
114
IREF
113
CM1
112
CM2
111
CM3
110
RXDATN
109
RXDATP
108
GND
107
TXDATN
106
TXDATP
105
VD+
104
TRSEL
103
CKC
102
CKM
101
MSEL1
100
MSEL2
99
MSEL3
98
ENRSB
97
CONTX
96
TmD2
95
TmD1
94
VD+
93
RmD2
92
RmD1
91
LOSS
90
ERRL
89
ERRC
1
ACAPELLA
ACS4110
2-Fiber Modem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com