Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 20 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 20 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 16Page - Semtech Corporation ACS411CS Datasheet HTML 17Page - Semtech Corporation ACS411CS Datasheet HTML 18Page - Semtech Corporation ACS411CS Datasheet HTML 19Page - Semtech Corporation ACS411CS Datasheet HTML 20Page - Semtech Corporation ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation ACS411CS Datasheet HTML 23Page - Semtech Corporation ACS411CS Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
20
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
uP Interface timing - SERIAL mode
In SERIAL mode, the device is configured to interface
with a serial microprocessor bus. The following
figures show the timing diagrams of write and read
accesses for this mode.
During read access the output data sdo (AD(0)) is
clocked out on the rising edge of SCLK (ALE) when
the active edge selection control bit CLKE (A(1)) is
0, and on the falling edge when CLKE is 1. Address,
read/write control bit and write data are always
clocked into the interface on the rising edge of SCLK.
Both input data sdi and clock SCLK are oversampled
, filtered and synchronized to the system clock CLKX.
The serial interface clock (SCLK) is not required to
run when no access is performed (CSB = 1).
Figure 10: Read access timing in SERIAL Mode.
Note: preliminary timing information. Timing values marked with * TBA.
CSB
ALE = SCLK
A(0) = SDI
R/W
A1
A2
A4
A3
A5
A6
AD(0) = SDO
D0
D2
D3
D5
D4
D6
tsu1
tsu2
th1
th2
tpw1
tpw2
td1
td2
Z
Z
D1
Symbol
Parameter
Min
Typ
Max
tsu1
Setup SDI valid to SCLK
↑
10 *
tsu2
Setup CSB
↓ to SCLK ↑
10 *
th1
Hold SDI to SCLK
↑
10 *
th2
Hold SCLK
↑ to CSB ↑
10 *
tpw1
SCLK low time
240
tpw2
SCLK high time
240
td1
Delay SCLK
↑ (SCLK ↓ for
CLKE = 1) to SDO valid
20 *
td2
Delay CSB
↑ to SDO High-Z
120
tp
Time between consecutive accesses
(CSB
↑ to CSB ↓ )
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com