Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 18 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 18 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 14Page - Semtech Corporation ACS411CS Datasheet HTML 15Page - Semtech Corporation ACS411CS Datasheet HTML 16Page - Semtech Corporation ACS411CS Datasheet HTML 17Page - Semtech Corporation ACS411CS Datasheet HTML 18Page - Semtech Corporation ACS411CS Datasheet HTML 19Page - Semtech Corporation ACS411CS Datasheet HTML 20Page - Semtech Corporation ACS411CS Datasheet HTML 21Page - Semtech Corporation ACS411CS Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
uP Interface timing - MOTOROLA mode
In MOTOROLA mode, the device is configured to
interface with a microprocessor using a 680x0 type
bus. The following figures show the timing diagrams
of write and read accesses for this mode.
The Dtack high time Trdy is at least 2 CLKX cycles
after CSB going low.
Figure 8: Read access timing in MOTOROLA Mode.
Note: preliminary timing information. Timing values marked with * TBA.
AD
CSB
WRB
data
A
address
X
ZZ
X
X
RDY
(DTACK)
Z
Z
tsu1
tsu2
td1
td2
td3
td4
tpw1
tpw2
th1
th2
th3
Symbol
Parameter
Min
Typ
Max
tsu1
Setup A valid to CSB
↓
0
tsu2
Setup WRB valid to CSB
↓
5 *
td1
Delay CSB
↓ to AD valid
10 *
td2
Delay CSB
↓ to DTACK ↑
10 *
td3
Delay CSB
↑ to AD High-Z
10 *
td4
Delay CSB
↑ to RDY High-Z
10 *
tpw1
CSB low time
60
tpw2
DTACK high time
20
60
th1
Hold A valid after CSB
↑
0
th2
Hold WRB high after CSB
↑
5 *
th3
Hold CSB low after DTACK
↓
0
tp
Time between consecutive accesses
(CSB
↑ to CSB ↓)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com