Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS411CS Datasheet(PDF) 16 Page - Semtech Corporation

Part # ACS411CS
Description  Acapella Optical Modem IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS411CS Datasheet(HTML) 16 Page - Semtech Corporation

Back Button ACS411CS Datasheet HTML 12Page - Semtech Corporation ACS411CS Datasheet HTML 13Page - Semtech Corporation ACS411CS Datasheet HTML 14Page - Semtech Corporation ACS411CS Datasheet HTML 15Page - Semtech Corporation ACS411CS Datasheet HTML 16Page - Semtech Corporation ACS411CS Datasheet HTML 17Page - Semtech Corporation ACS411CS Datasheet HTML 18Page - Semtech Corporation ACS411CS Datasheet HTML 19Page - Semtech Corporation ACS411CS Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
16
ACS411CS PRE-RELEASE Issue 6.0 July 1999.
uP Interface timing - INTEL mode
In INTEL mode, the device is configured to interface
with a microprocessor using a 80x86 type bus. The
following figures show the timing diagrams of write
and read accesses for this mode.
The RDY low time Trdy is at least 2 CLKX cycles
after WRB/RDB going low.
Figure 6: Read access timing in INTEL Mode.
Note: preliminary timing information. Timing values marked with * TBA.
AD
RDY
CSB
RDB
Z
Z
WRB
data
A
address
tsu1
tsu2
td1
td2
Z
td3
tpw2
tpw1
td4
td5
Z
th1
th2
th3
Symbol
Parameter
Min
Typ
Max
tsu1
Setup A valid to CSB
↓
0
tsu2
Setup CSB
↓ to RDB ↓
0
td1
Delay RDB
↓ to AD valid
10 *
td2
Delay CSB
↓ to RDY active
10 *
td3
Delay RDB
↓ to RDY ↓
10 *
td4
Delay RDB
↑ to AD High-Z
10 *
td5
Delay CSB
↑ to RDY High-Z
10 *
tpw1
RDB low time
60
tpw2
RDY low time
20
60
th1
Hold A valid after RDB
↑
0
th2
Hold CSB low after RDB
↑
0
th3
Hold RDB low after RDY
↑
0
tp
Time between consecutive accesses
(RDB
↑ to RDB ↓ or RDB ↑ to
WRB
↓)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com