Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 30Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 31Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 32Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 31 of 84
Three load lines address super high line, high line, and low line
input voltage conditions.
When the rms value of the input voltage is higher than the super
high line input (for example, 250 V), the load line is flat, that is,
the output voltage remains at VOH, which is independent of the
power. To avoid output voltage oscillation when the input voltage
is around the super high line level, voltage hysteresis can be
programmed using Register 0xFE4D. It is recommended that
at least 16 V of hysteresis be programmed.
When the rms value of the input voltage is lower than the super
high line input but higher than the high line threshold, there is
a load line between P1 and P2 in terms of power. The output
voltage varies between VOH1 and VOH2 as a linear function
of the output power when the output power falls within the
range between P1 and P2. The power levels of P1 and P2 are
programmable using Register 0xFE44 and Register 0xFE45,
respectively. When the power is below P1, the output voltage
remains unchanged at VOH1. When the power is higher than
P2, the output voltage remains unchanged at VOH2.
The bottom load line in Figure 29 applies when the rms value of
the input voltage is lower than the low line threshold. The output
voltage varies between VOL1 and VOL2 as a linear function of
the output power when the output power falls within the range
between P1 and P2. When the power is below P1, the output
voltage remains unchanged at VOL1. When the power is higher
than P2, the output voltage remains unchanged at VOL2.
The user can program values for VOH, VOH2, VOH1, VOL2, and
VOL1 using Register 0xFE4A, Register 0xFE49, Register 0xFE48,
Register 0xFE47, and Register 0xFE46, respectively.
SMART SWITCHING FREQUENCY
For higher efficiency, the switching frequency of the ADP1047/
ADP1048 can be programmed according to the load power con-
dition (see Figure 30). To enable the smart switching frequency
feature, set Register 0xFE4F, Bit 3, to 1.
POWER
fS
fSL
FULL POWER
PTH
SWITCHING
FREQUENCY
Figure 30. Smart Switching Frequency Control
The smart switching frequency feature uses two different
switching frequencies for heavy load and light load conditions.
When the output power is lower than the low power threshold,
PTH, the PFC circuit switches at the fSL frequency. When the out-
put power is higher than PTH plus power hysteresis, the circuit
switches at the normal set frequency, fS.
Hysteresis can be programmed in Register 0xFE4E. The user
can program the values for fSL and PTH in Register 0xFE1C and
Register 0xFE32, respectively.
CURRENT LOOP FILTER FOR LIGHT LOAD
To achieve low THD under light load conditions, the ADP1047/
ADP1048 offer current loop filter presets for light load opera-
tion under both high line input and low line input (see Figure 31).
To enable the current loop filter for light load feature, set
Register 0xFE4F, Bit 5, to 1.
HIGH LINE
LIGHT LOAD
HIGH LINE
LOW LINE
LIGHT LOAD
LIGHT LOAD
INPUT POWER
POWER
THRESHOLD
LOW LINE
HIGH/LOW LINE
THRESHOLD
AC LINE
Figure 31. Current Loop Filter at Light Load Condition
When the input power drops below the low power threshold, PTH
(set in Register 0xFE32), the current loop filter switches to the
light load filter after four full line cycles. When the input power
goes above PTH plus the programmed hysteresis, the current loop
filter switches back to the normal mode filter immediately. This
applies to both high line and low line input.
PHASE SHEDDING (ADP1048 ONLY)
To achieve high efficiency at light load, the ADP1048 can shut
down one PWM output under light load conditions. When the
input power drops below the low power threshold, PTH (set in
Register 0xFE32), one PWM output is disabled. When the input
power goes above the low power threshold plus power hysteresis
(set in Register 0xFE4E), the PWM resumes operation. To enable
phase shedding for the ADP1048, set Register 0xFE4F, Bit 4, to 1.
CURRENT LOOP FEEDFORWARD
Current loop feedforward is implemented in the ADP1047/
ADP1048 to improve the power factor and reduce THD under
light load conditions (see Figure 32). To enable current loop
feedforward, set Register 0xFE4F, Bit 6, to 1.
+
+
VAC
–VREF
+
IL
IREF
HI (z)
DUTY CYCLE
Figure 32. Current Loop Feedforward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com