Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 78 of 84
VAC ADC OFFSET TRIM REGISTER
This register must be unlocked for write access; see Table 61.
Table 143. Register 0xFE53—VAC ADC Offset Trim
Bits
Bit Name
R/W
Description
[7:0]
VAC ADC offset trim
R/W
This register calibrates the VAC ADC offset (the offset is always subtracted from the ADC output).
CS ADC OFFSET TRIM FOR 500 mV RANGE REGISTER
This register must be unlocked for write access; see Table 61.
Table 144. Register 0xFE54—CS ADC Offset Trim for 500 mV Range
Bits
Bit Name
R/W
Description
[7:0]
CS ADC offset trim
R/W
This register calibrates the CS current sense offset (the offset is always subtracted from the ADC
output).
CS ADC GAIN TRIM FOR HIGH (750 mV) RANGE REGISTER
This register must be unlocked for write access; see Table 61.
Table 145. Register 0xFE7E—CS ADC Gain Trim for High (750 mV) Range
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
CS ADC gain trim
R/W
This register calibrates the CS current sense gain.
CS ADC OFFSET TRIM FOR HIGH (750 mV) RANGE REGISTER
This register must be unlocked for write access; see Table 61.
Table 146. Register 0xFE7F—CS ADC Offset Trim for High (750 mV) Range
Bits
Bit Name
R/W
Description
[7:0]
CS ADC offset trim
R/W
This register calibrates the CS current sense offset (the offset is always subtracted from the ADC
output).
LATCHED FLAG REGISTERS
The bits in the latched flag registers remain set (latched) to allow users to detect an intermittent fault. Reading a latched flag register resets
the flags in that register.
Table 147. Register 0xFE80—Latched Flag 0
Bits
Bit Name
R/W
Description
7
MAX_MODULATION
R
1 = maximum modulation limit is reached.
6
MIN_MODULATION
R
1 = minimum modulation limit is reached.
5
OLP
R
1 = one of the two voltage dividers is probably disconnected or malfunctioning.
4
FAST_OVP
R
1 = the threshold set for the comparator on the OVP pin has been crossed.
3
AC_PERIOD
R
1 = controller is not able to detect the ac line period; the maximum value of the period is used
and this flag is set.
2
BROWN_OUT
R
1 = VAC is lower than the value stored in VIN_ON (Register 0x35).
1
SOFT_START
R
1 = system is in soft start sequence; fast loop filter is in use.
0
INRUSH
R
1 = INRUSH control relay is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com