Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 20 of 84
LINE FAULT PROTECTIONS AND SOFT START SEQUENCING
PSON OPERATION
To comply with PMBus standards, the PFC circuit controlled
by the ADP1047/ADP1048 can be turned on and off by the
hardware PSON pin and/or the software PSON command. The
setting of Bit 2 in Register 0x02 determines whether the PSON
pin and/or the PSON command is used. If the PSON pin is used,
the pin can be configured to be either active high or active low
(see Table 18).
AC LINE DETECTION
The ADP1047/ADP1048 are capable of detecting several
parameters of the ac line input voltage and taking the appro-
priate programmed actions when necessary. The detection is
a combination of time and voltage measurements and is
implemented via the VAC pin, which detects the rectified ac
input voltage. This allows early detection of ac line faults and
early warning for the host system, thereby increasing reliability.
Five main parameters are related to ac line detection.
VAC_LINE_PERIOD (Register 0xFE85)
VAC_THRESHOLD_SET (Register 0xFE25)
VAC_THRESHOLD_READ (Register 0xFE26)
MIN_AC_PERIOD_SET (Register 0xFE27)
MAX_AC_PERIOD_SET (Register 0xFE28)
AC Line Period and Zero Crossing
The input ac line period is measured every half period of the ac
line cycle and is reported in the VAC_LINE_PERIOD register
(Register 0xFE85).
During the first 40 ms, the ac line period is measured between
two consecutive falling crossings of the threshold value, which
is set in the VAC_THRESHOLD_SET register (Register 0xFE25,
Bits[6:0]). The ac line period is then measured between two
consecutive falling crossings and compared to the average value
of the input line voltage, which is calculated during each half line
period. The VAC average reading can be found in the VAC_
THRESHOLD_READ register (Register 0xFE26, Bits[6:0])
.
If the measured period is larger than MAX_AC_PERIOD_SET
or smaller than MIN_AC_PERIOD_SET, the default, MAX_AC_
PERIOD_SET, is used as the value of the period.
As shown in Figure 17, the two consecutive crossing points,
B and C, are used to determine the zero-crossing point of the
ac line. The middle point between B and C is calculated as the
zero-crossing point.
This information is used by the control loop, as well as the
power metering block.
VAC AVERAGE
(REG 0xFE26)
VAC
THRESHOLD
(REG 0xFE25)
HALF AC
LINE PERIOD
AB
C
Figure 17. AC Line Period Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com