Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 67Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 68Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 69Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 70Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 71 of 84
INRUSH SET REGISTER
Table 107. Register 0xFE2E—Inrush Set
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
[4:3]
Timer
R/W
These bits set the timer for the VIN_LOW flag measurement.
Bit 4
Bit 3
Timer
0
0
Quarter line cycle
0
1
Half line cycle
1
0
2 ms
1
1
4 ms
[2:0]
Inrush delay time
R/W
These bits set the inrush signal delay time after the BROWN_OUT flag goes low.
Bit 2
Bit 1
Bit 0
Number of Full AC Line Cycles
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
FAST_OVP_FAULT_RISE REGISTER
Table 108. Register 0xFE2F—FAST_OVP_FAULT_RISE
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
[6:0]
Fast OVP rise threshold
R/W
These bits set the rising threshold for the analog comparator at the OVP pin input as follows:
OVP threshold = (Code × 0.492/128) + 1.
This threshold is programmable from 1 V to 1.5 V. Each LSB increments the threshold by 3.844 mV.
A value of 0x00 corresponds to a 1 V threshold; a value of 0x3F corresponds to a 1.492 V threshold.
FAST_OVP_FAULT_FALL REGISTER
Table 109. Register 0xFE30—FAST_OVP_FAULT_FALL
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
[6:0]
Fast OVP fall threshold
R/W
These bits set the falling threshold for the analog comparator at the OVP pin input as follows:
OVP threshold = (Code × 0.492/128) + 1.
This threshold is programmable from 1 V to 1.5 V. Each LSB increments the threshold by 3.844 mV.
A value of 0x00 corresponds to a 1 V threshold; a value of 0x3F corresponds to a 1.492 V threshold.
FAST OVP DEBOUNCE TIME SETTING REGISTER
Table 110. Register 0xFE31—Fast OVP Debounce Time Setting
Bits
Bit Name
R/W
Description
[7:2]
RSVD
R
Reserved.
[1:0]
OVP debounce time
R/W
These bits set the fast OVP debounce time.
Bit 1
Bit 0
Time
0
0
120 ns
0
1
240 ns
1
0
480 ns
1
1
640 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com