Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 42 of 84
STANDARD PMBus COMMANDS SUPPORTED BY THE ADP1047/ADP1048
Table 15 lists the standard PMBus commands that are implemented on the ADP1047/ADP1048. Many of these commands are
implemented in registers, which share the same hexadecimal value as the PMBus command code.
Table 15. Standard PMBus Commands
Command Code
Command Name
0x01
OPERATION
0x02
ON_OFF_CONFIG
0x03
CLEAR_FAULTS
0x10
WRITE_PROTECT
0x12
RESTORE_DEFAULT_ALL
0x15
STORE_USER_ALL
0x16
RESTORE_USER_ALL
0x19
CAPABILITY
0x20
VOUT_MODE
0x21
VOUT_COMMAND
0x29
VOUT_SCALE_LOOP
0x2A
VOUT_SCALE_MONITOR
0x35
VIN_ON
0x36
VIN_OFF
0x40
VOUT_OV_FAULT_LIMIT
0x41
VOUT_OV_FAULT_RESPONSE
0x42
VOUT_OV_WARN_LIMIT
0x43
VOUT_UV_WARN_LIMIT
0x44
VOUT_UV_FAULT_LIMIT
0x45
VOUT_UV_FAULT_RESPONSE
0x50
OT_FAULT_RESPONSE
0x55
VIN_OV_FAULT_LIMIT
0x56
VIN_OV_FAULT_RESPONSE
0x58
VIN_UV_WARN_LIMIT
0x59
VIN_UV_FAULT_LIMIT
0x5A
VIN_UV_FAULT_RESPONSE
0x5B
IIN_OC_FAULT_LIMIT
0x5C
IIN_OC_FAULT_RESPONSE
0x5D
IIN_OC_WARN_LIMIT
0x6B
PIN_OP_WARN_LIMIT
0x78
STATUS_BYTE
0x79
STATUS_WORD
0x7A
STATUS_VOUT
Command Code
Command Name
0x7C
STATUS_INPUT
0x7D
STATUS_TEMPERATURE
0x88
READ_VIN
0x89
READ_IIN
0x8B
READ_VOUT
0x97
READ_PIN
0x98
PMBUS_REVISION
0x99
MFR_ID
0x9A
MFR_MODEL
0x9B
MFR_REVISION
0xB0
EEPROM_DATA_00
0xB1
EEPROM_DATA_01
0xB2
EEPROM_DATA_02
0xB3
EEPROM_DATA_03
0xB4
EEPROM_DATA_04
0xB5
EEPROM_DATA_05
0xB6
EEPROM_DATA_06
0xB7
EEPROM_DATA_07
0xB8
EEPROM_DATA_08
0xB9
EEPROM_DATA_09
0xBA
EEPROM_DATA_10
0xBB
EEPROM_DATA_11
0xBC
EEPROM_DATA_12
0xBD
EEPROM_DATA_13
0xBE
EEPROM_DATA_14
0xBF
EEPROM_DATA_15
0xD1
EEPROM_CRC_CHKSUM
0xD2
EEPROM_NUM_RD_BYTES
0xD3
EEPROM_ADDR_OFFSET
0xD4
EEPROM_PAGE_ERASE
0xD5
EEPROM_PASSWORD
0xD6
TRIM_PASSWORD
0xF1
EEPROM_INFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com