Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 56Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 57Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 59 of 84
VDD3P3_RESPONSE REGISTER
This register instructs the device on actions to take due to a VDD overvoltage fault condition.
Table 65. Register 0xFE03—VDD3P3_RESPONSE
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
6
Save first flag ID
to EEPROM
R/W
1 = save the first flag ID to EEPROM when the device shuts down.
0 = do not save the first flag ID to EEPROM when the device shuts down.
[5:3]
Retry wait time
R/W
These bits determine the retry wait time before the next soft start. Each LSB = 588 ms.
2
Reload EEPROM
R/W
1 = reload the contents of EEPROM.
0 = do not reload the contents of EEPROM.
1
Debounce time
R/W
1 = 2.56 μs.
0 = 660 μs.
0
Ignore VDD OV
R/W
1 = ignore the VDD 3.3 V overvoltage fault.
0 = do not ignore the VDD 3.3 V overvoltage fault.
VCORE_RESPONSE REGISTER
This register instructs the device on actions to take due to a VCORE overvoltage fault condition.
Table 66. Register 0xFE04—VCORE_RESPONSE
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
6
Save first flag ID
to EEPROM
R/W
1 = save the first flag ID to EEPROM when the device shuts down.
0 = do not save the first flag ID to EEPROM when the device shuts down.
[5:3]
Retry wait time
R/W
These bits determine the retry wait time before the next soft start. Each LSB = 588 ms.
2
Reload EEPROM
R/W
1 = reload the contents of EEPROM.
0 = do not reload the contents of EEPROM.
1
Debounce time
R/W
1 = 2.56 μs.
0 = 660 μs.
0
Ignore VCORE OV
R/W
1 = ignore the VCORE overvoltage fault.
0 = do not ignore the VCORE overvoltage fault.
PGOOD_AC_OK_DEBOUNCE_SET REGISTER
This register sets the debounce times for the PGOOD and AC_OK pins.
Table 67. Register 0xFE05—PGOOD_AC_OK_DEBOUNCE_SET
Bits
Bit Name
R/W
Description
[7:6]
Debounce time,
AC_OK pin
(low to high)
R/W
Debounce from low to high for the AC_OK pin.
Bit 7
Bit 6
Time
0
0
0 ms
0
1
200 ms
1
0
320 ms
1
1
600 ms
[5:4]
Debounce time,
AC_OK pin
(high to low)
R/W
Debounce from high to low for the AC_OK pin.
Bit 5
Bit 4
Time
0
0
0 ms
0
1
200 ms
1
0
320 ms
1
1
600 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com