Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 75 of 84
VAC ADC GAIN TRIM REGISTER
This register must be unlocked for write access; see Table 61.
Table 125. Register 0xFE40—VAC ADC Gain Trim
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VAC ADC gain trim
R/W
This value calibrates the VAC voltage sense gain.
VFB ADC GAIN TRIM REGISTER
This register must be unlocked for write access; see Table 61.
Table 126. Register 0xFE41—VFB ADC Gain Trim
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VFB ADC gain trim
R/W
This value calibrates the output voltage sense gain.
CS ADC GAIN TRIM FOR 500 mV RANGE REGISTER
This register must be unlocked for write access; see Table 61.
Table 127. Register 0xFE42—CS ADC Gain Trim for 500 mV Range
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
CS ADC gain trim
R/W
This value calibrates the CS current sense gain.
IBAL GAIN REGISTER (ADP1048 ONLY)
Table 128. Register 0xFE43—IBAL Gain (ADP1048 Only)
Bits
Bit Name
R/W
Description
7
IBAL enable
R/W
1 = enable current balancing.
0 = disable current balancing and reset the IBAL integrator.
[6:0]
IBAL gain
R/W
The gain can be set from 0 to 127.
SMART VOUT LOW POWER THRESHOLD (P1) REGISTER
Table 129. Register 0xFE44—Smart VOUT Low Power Threshold (P1)
Bits
Bit Name
R/W
Description
[15:13]
RSVD
R
Reserved.
[12:0]
P1
R/W
These bits set the threshold value for low power mode operation when the smart output
voltage function is enabled. When the input power is lower than this value, the output voltage
is VOL1 for low line input and VOH1 for high line input.
SMART VOUT HIGH POWER THRESHOLD (P2) REGISTER
Table 130. Register 0xFE45—Smart VOUT High Power Threshold (P2)
Bits
Bit Name
R/W
Description
[15:13]
RSVD
R
Reserved.
[12:0]
P2
R/W
These bits set the threshold value for high power mode operation when the smart output
voltage function is enabled. When the input power is higher than this value, the output
voltage is VOL2 for low line input and VOH2 for high line input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com