Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 47Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 48Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 45 of 84
DETAILED REGISTER DESCRIPTIONS
OPERATION REGISTER
Table 17. Register 0x01—OPERATION
Bits
Bit Name
R/W
Description
7
Enable
R/W
This bit determines the device response to the OPERATION command.
0 = immediate off (no sequencing).
1 = device on.
6
RSVD
R
Always reads as 0.
[5:4]
Margin control
R
These bits set the output voltage margin level and are hardcoded to a value of 00.
[3:2]
Margin fault
response
R
These bits set the device response to an output OVP/UVP warning or fault after the output is
margined. These bits are hardcoded to a value of 01.
[1:0]
RSVD
R
Reserved.
ON_OFF_CONFIG REGISTER
Table 18. Register 0x02—ON_OFF_CONFIG
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
4
Power-up control
R/W
Set the device power-up response.
0 = device powers up when power is present.
1 = device powers up only when commanded by the control pin (PSON) and the OPERATION
command.
3
Command
enable
R/W
Control how the device responds to the OPERATION command.
0 = ignore the OPERATION command.
1 = the OPERATION command must be set to 1 to enable the device (in addition to setting Bit 2).
2
Pin enable
R/W
Control how the device responds to the value of the control pin (PSON).
0 = ignore the control pin (PSON).
1 = the control pin must be asserted to enable the device (in addition to setting Bit 3).
1
Control pin
polarity
R/W
Set the polarity of the control pin (PSON).
0 = active low.
1 = active high.
0
Power-down
delay
R
Actions to take on power-down. This bit always reads as 1 (turn off the output and stop energy
transfer to the output as fast as possible).
CLEAR_FAULTS COMMAND
Code 0x03, send byte, no data. This command clears all fault bits in all registers simultaneously.
WRITE_PROTECT REGISTER
Table 19. Register 0x10—WRITE_PROTECT
Bits
Bit Name
R/W
Description
7
Write Protect 1
R/W
Setting this bit disables writes to all commands except for WRITE_PROTECT.
6
Write Protect 2
R/W
Setting this bit disables writes to all commands except for WRITE_PROTECT, OPERATION, and
EEPROM_PAGE_ERASE.
5
Write Protect 3
R/W
Setting this bit disables writes to all commands except for WRITE_PROTECT, OPERATION,
EEPROM_PAGE_ERASE, ON_OFF_CONFIG, and VOUT_COMMAND.
[4:0]
RSVD
R
Reserved.
RESTORE_DEFAULT_ALL COMMAND
Code 0x12, send byte, no data. This command downloads the factory default parameters from EEPROM into operating memory.
STORE_USER_ALL COMMAND
Code 0x15, send byte, no data. This command copies the entire contents of operating memory into EEPROM (Page 1 of the main block).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com