Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 54Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 56Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 57Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 58 of 84
CS_FAST_OCP_RESPONSE REGISTER
This register instructs the device on actions to take due to a fast overcurrent protection condition.
Table 62. Register 0xFE00—CS_FAST_OCP_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
These bits determine the device response to a fast overcurrent protection condition.
Bit 7
Bit 6
Response
0
0
Ignore (still terminate the PWM pulse).
0
1
Allow the number of switching cycles specified in Bits[5:4], then shut down and
soft start (use the soft start delay time specified in Register 0x5C, Bits[2:0]).
1
0
Allow the number of switching cycles specified in Bits[5:4] (terminating the PWM
pulse each time), then shut down and wait for the PSON signal to soft start.
1
1
Disable the PWM output after the number of switching cycles specified in Bits[5:4]
and wait for the flag to be cleared.
[5:4]
N-time
R/W
These bits determine the number of switching cycles allowed before the device disables the PWM
output after a fast overcurrent condition is detected.
Bit 5
Bit 4
Number of Switching Cycles
0
0
1
0
1
2
1
0
4
1
1
8
[3:0]
RSVD
R
Reserved.
OVP_FAST_OVP_RESPONSE REGISTER
This register instructs the device on actions to take due to a fast overvoltage fault condition.
Table 63. Register 0xFE01—OVP_FAST_OVP_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
These bits determine the device response to a fast overvoltage condition.
Bit 7
Bit 6
Response
0
0
Ignore (do nothing; PWM continues).
0
1
Shut down and soft start.
1
0
Shut down immediately and wait for the PSON signal.
1
1
Disable the PWM output until the unlatched flag is cleared.
[5:0]
RSVD
R
Reserved.
OLP_RESPONSE REGISTER
This register instructs the device on actions to take due to an open-loop fault condition.
Table 64. Register 0xFE02—OLP_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
These bits determine the device response to an open-loop fault condition.
Bit 7
Bit 6
Response
0
0
Ignore (do nothing; PWM continues).
0
1
Shut down and soft start.
1
0
Shut down immediately and wait for the PSON signal.
1
1
Disable the PWM output until the unlatched flag is cleared.
[5:0]
RSVD
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com