Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 30Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 31Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 32Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 34 of 84
PMBus DIGITAL COMMUNICATION
The PMBus slave allows a device to interface to a PMBus-
compliant master device as specified by the PMBus Power
System Management Protocol Specification
(Revision 1.1,
February 5, 2007). The PMBus slave is a 2-wire interface that
can be used to communicate with other PMBus-compliant
devices and is compatible in a multimaster, multislave bus
configuration.
FEATURES
The function of the PMBus slave is to decode the command sent
from the master device and respond as requested. Communi-
cation is established using an I2C-like 2-wire interface with
a clock line (SCL) and data line (SDA). The PMBus slave is
designed to externally move chunks of 8-bit data (bytes) while
maintaining compliance with the PMBus protocol. The PMBus
protocol is based on the SMBus Specification (Version 2.0,
August 2000). The SMBus specification is, in turn, based on
the Philips I2C Bus Specification (Version 2.1, January 2000).
The PMBus incorporates the following features:
•
Slave operation on multiple device systems
•
7-bit addressing
•
100 kHz and 400 kHz data rates
•
General call address support
•
Support for clock low extension
•
Separate multiple byte receive and transmit FIFO
•
Extensive fault monitoring
OVERVIEW
The PMBus slave module is a 2-wire interface that can be used
to communicate with other PMBus-compliant devices. Its trans-
fer protocol is based on the Philips I2C transfer mechanism. The
ADP1047/ADP1048 are always configured as slave devices in the
overall system. The ADP1047/ADP1048 communicate with the
master device using one data pin (SDA) and one clock pin (SCL).
Because the ADP1047/ADP1048 are slave devices, they cannot
generate the clock signal. However, they are capable of clock-
stretching the SCL line to put the master device in a wait state
when they are not ready to respond to the master’s request.
Communication is initiated when the master device sends a
command to the PMBus slave device. Commands can be read
or write commands, in which case, data is transferred between
the devices in a byte wide format. Commands can also be send
commands, in which case, the command is executed by the
slave device upon receiving the stop bit. The stop bit is the last
bit in a complete data transfer, as defined in the PMBus/I2C
communication protocol. During communication, the master
and slave devices send acknowledge (A) or no acknowledge
(A) bits as a method of handshaking between devices. See the
PMBus specification for a more detailed description of the
communication protocol.
When communicating with the master device, it is possible
for illegal or corrupted data to be received by the PMBus slave
device. In this case, the PMBus slave device should respond to
the invalid command or data, as defined by the PMBus specifi-
cation, and indicate to the master device that an error or fault
condition has occurred. This method of handshaking can be
used as a first level of defense against programming of the slave
device that can potentially damage the chip or system.
The PMBus specification defines a set of generic PMBus
commands that is recommended for a power management
system. However, each PMBus device manufacturer can choose
to implement and support certain commands as it deems fit for
its system. In addition, the PMBus device manufacturer can
choose to implement manufacturer-specific commands whose
functions are not included in the generic PMBus command set.
The list of standard PMBus and manufacturer-specific commands
can be found in the Standard PMBus Commands Supported by
the ADP1047/ADP1048 section and the Manufacturer-Specific
PMBus Command section.
PMBus ADDRESS
Control of the ADP1047/ADP1048 is implemented via the I2C
interface. The ADP1047/ADP1048 are connected to the bus as
slave devices under the control of a master device.
The PMBus address of the ADP1047/ADP1048 is set by
connecting an external resistor from the ADD pin to ground.
Table 14 lists the recommended resistor values and associated
PMBus addresses. Eight different addresses can be used.
Table 14. PMBus Address Settings
Address
ADD Pin Resistor Value (kΩ)
0x58
10 (or connect directly to AGND)
0x59
30
0x5A
50
0x5B
69
0x5C
89
0x5D
109
0x5E
128
0x5F
148 (or connect directly to VDD)
If an incorrect resistor value is used and the resulting I2C address is
close to a threshold between two addresses, the I2C_ADDRESS
flag is set (Bit 4 of Register 0xFE81). The recommended resistor
values in Table 14 can vary by ±2 kΩ. Therefore, it is recom-
mended that 1% tolerance resistors be used on the ADD pin.
The part responds to the standard PMBus broadcast address
(general call) of 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com