Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 22 of 84
SOFT START PROCEDURE
The PSON signal is used to enable or disable the PFC stage.
After PSON is asserted, the ADP1047/ADP1048 start monitor-
ing VAC and, if the ac line conditions are met, they initiate the
soft start procedure, as shown in Figure 21.
Startup is gated by the rms value of the ac line voltage measured
on one half period of the ac line frequency. When VAC is above
the VIN_ON value, the BROWN_OUT flag is reset and the soft
start sequence is initiated. At the same time, the inrush delay
time and soft start delay time timers begin. Both of these timers
can be programmed to count 0 to 7 line cycles (or 0 to 14 half
line cycles in steps of 2).
After the inrush delay time programmed in Register 0xFE2E,
Bits[2:0], the INRUSH flag is reset and the inrush signal (Pin 17)
is asserted, closing the inrush current relay. (Note that the INRUSH
flag is active low.) The inrush signal is set at the zero crossing of
the ac voltage, if this crossing is detected. This setting allows
zero voltage turn-on if a solid-state switch is used (zero voltage
turn-on is not relevant with mechanical relays).
After the soft start delay time (programmed in Register 0xFE2D,
Bits[5:3]), the output voltage is ramped up according to the soft
start time programmed in Register 0xFE2D, Bits[2:0].
Some of the flags can be blanked during soft start so that the
programmed action of the flag does not take place if the flag
is set during the soft start period (see Register 0xFE08 and
Register 0xFE09).
When output voltage regulation is reached and all flags are OK, the
POWER_GOOD# flag is reset and the PGOOD signal (Pin 16)
is set to Logic Level 1. (Note that the POWER_GOOD# flag is
active low.)
The soft start time can be programmed to one of eight values:
112 ms, 168 ms, 224 ms, 280 ms, 392 ms, 504 ms, 616 ms, or
728 ms (set in Register 0xFE2D, Bits[2:0]).
The soft start delay time (Register 0xFE2D, Bits[5:3]) can be
programmed from 0 to 7 full line cycles in increments of 1
(that is, two of the rectified half line cycles).
The inrush delay time (Register 0xFE2E, Bits[2:0]) can be pro-
grammed from 0 to 7 full line cycles in increments of 1 (that is,
two of the rectified half line cycles).
If no zero crossings are detected, the programmed maximum ac
line period, MAX_AC_PERIOD_SET (Register 0xFE28), is used.
LINE FAULT PROTECTIONS
Line faults occur when the ac line is not behaving correctly
and include anomalies such as a missing ac line cycle (can be
partial), brownout, or high distortion levels. When a line fault
occurs, the ADP1047/ADP1048 can be programmed to react
according to the situation.
VIN_ON (REG 0x35)
VIN_OFF (REG 0x36)
VAC
VIN_LOW FLAG
(REG 0x7C[3])
BROWN_OUT FLAG
(REG 0xFE80[2])
INRUSH PIN
VOUT
SOFT START TIME
(REG 0xFE2D[2:0])
INRUSH
DELAY TIME = 2
(REG 0xFE2E[2:0])
SOFT START
DELAY TIME = 3
(REG 0xFE2D[5:3])
Figure 21. Soft Start and Inrush Current Control Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com