Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 82Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 79 of 84
Table 148. Register 0xFE81—Latched Flag 1
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
6
EEPROM_UNLOCKED
R
1 = EEPROM is unlocked and its contents can be written.
5
EEPROM_CRC
R
1 = downloaded EEPROM contents are incorrect.
4
I2C_ADDRESS
R
1 = the resistor on the ADD pin has a value that can cause an error in the address assignment
(the address falls too close to the threshold between two addresses).
3
LOW_LINE
R
1 = input voltage is higher than the high line threshold.
2
FAST_OCP
R
1 = the threshold set for the comparator on the ILIM pin has been crossed.
1
SYNC_LOCK
R
1 = external synchronization frequency is locked.
0
AC_OK
R
This flag is a programmable combination of other internal flags and refers to the condition of
the input voltage. A value of 1 means that the output of the AC_OK pin is low.
Table 149. Register 0xFE82—Latched Flag 2
Bits
Bit Name
R/W
Description
[7:6]
RSVD
R
Reserved.
5
LOW_POWER
R
1 = input power has dropped below the threshold for low power mode operation.
4
FAST_LOOP
R
1 = fast loop compensation filter is in use.
3
VCORE_OV
R
1 = an overvoltage condition is present on the VCORE rail.
2
VDD_3.3V_OV
R
1 = an overvoltage condition is present on the VDD rail.
1
VDD_3.3V_UV
R
1 = an undervoltage condition is present on the VDD rail.
0
RSVD
R
Reserved.
PWM VALUE REGISTER
Table 150. Register 0xFE84—PWM Value
Bits
Bit Name
R/W
Description
[7:0]
PWM value
R
Return the eight MSBs of the PWM value (10 bits).
VAC_LINE_PERIOD REGISTER
Table 151. Register 0xFE85—VAC_LINE_PERIOD
Bits
Bit Name
R/W
Description
[7:0]
VAC line period
R
Return the measured period on the VAC pin signal. Each LSB corresponds to 163.84 μs.
READ TEMPERATURE ADC REGISTER
Table 152. Register 0xFE86—Read Temperature ADC
Bits
Bit Name
R/W
Description
[15:0]
RTD temperature
R
Return the measured temperature in ADC 12-bit format.
POWER METERING OFFSET TRIM FOR HIGH LINE INPUT REGISTER
Table 153. Register 0xFE8E—Power Metering Offset Trim for High Line Input
Bits
Bit Name
R/W
Description
7
Offset trim polarity
R/W
1 = negative offset trim is introduced.
0 = positive offset trim is introduced.
[6:0]
Power meter offset
trim
R/W
This value calibrates the power meter offset at the high line input voltage. Each LSB corresponds
to 0.0625/128 of the full input power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com