Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 67Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 64 of 84
RTD ADC GAIN TRIM SETTING REGISTER
This register must be unlocked for write access; see Table 61.
Table 86. Register 0xFE18—RTD ADC Gain Trim Setting
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
RTD ADC gain trim
R/W
This value sets the amount of gain trim that is applied to the RTD sensing gain.
OT_FAULT_LIMIT REGISTER
This register sets the overtemperature fault threshold. The debounce time of the overtemperature fault flag is 100 ms.
Table 87. Register 0xFE19—OT_FAULT_LIMIT
Bits
Bit Name
R/W
Description
[7:0]
OT fault threshold
R/W
Overtemperature fault threshold. This register, adding 0 as the MSB, results in a 9-bit threshold
value. This 9-bit value is compared to the nine MSBs of the RTD ADC reading. If the RTD ADC
reading is lower than the threshold set by these bits, the overtemperature fault flag is set.
These eight bits provide 256 threshold settings from 0 mV to 800 mV (one LSB = 800 mV/256 =
3.125 mV). However, the lowest allowed value is 9.375 mV (0x03), and the highest allowed
value is 781.25 mV (0xFA).
Bit 7
Bit 6
…
Bit 3
Bit 2
Bit 1
Bit 0
OTP Threshold (mV)
0
0
…
0
0
1
1
9.375
0
0
…
0
1
0
0
12.5
0
0
…
0
1
0
1
15.875
…
…
…
…
…
…
…
…
1
1
…
1
0
0
1
778.125
1
1
…
1
0
1
0
781.25
OT_WARN_LIMIT REGISTER
This register sets the overtemperature warning threshold. The debounce time of the overtemperature warning flag is 100 ms.
Table 88. Register 0xFE1A—OT_WARN_LIMIT
Bits
Bit Name
R/W
Description
[7:0]
OT warning threshold
R/W
Overtemperature warning threshold. This register, adding 0 as the MSB, results in a 9-bit threshold
value. This 9-bit value is compared to the nine MSBs of the RTD ADC reading. If the RTD ADC
reading is lower than the threshold set by these bits, the overtemperature warning flag is set.
These eight bits provide 256 threshold settings from 0 mV to 800 mV (one LSB = 800 mV/256 =
3.125 mV). However, the lowest allowed value is 9.375 mV (0x03), and the highest allowed
value is 781.25 mV (0xFA).
Bit 7
Bit 6
…
Bit 3
Bit 2
Bit 1
Bit 0
OTP Threshold (mV)
0
0
…
0
0
1
1
9.375
0
0
…
0
1
0
0
12.5
0
0
…
0
1
0
1
15.875
…
…
…
…
…
…
…
…
1
1
…
1
0
0
1
778.125
1
1
…
1
0
1
0
781.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com