Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 53Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 54Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 56Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 57Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 57 of 84
EEPROM_CRC_CHKSUM REGISTER
Table 56. Register 0xD1—EEPROM_CRC_CHKSUM
Bits
Bit Name
R/W
Description
[7:0]
CRC checksum
R
Return the CRC checksum value from the EEPROM download operation.
EEPROM_NUM_RD_BYTES REGISTER
Table 57. Register 0xD2—EEPROM_NUM_RD_BYTES
Bits
Bit Name
R/W
Description
[7:0]
Number of read
bytes returned
R/W
These bits set the number of read bytes returned when using the EEPROM_DATA_xx commands.
EEPROM_ADDR_OFFSET REGISTER
Table 58. Register 0xD3—EEPROM_ADDR_OFFSET
Bits
Bit Name
R/W
Description
[15:0]
Address offset
R/W
These bits set the address offset of the current EEPROM page.
EEPROM_PAGE_ERASE REGISTER
Table 59. Register 0xD4—EEPROM_PAGE_ERASE
Bits
Bit Name
R/W
Description
[7:0]
Page erase
W
Perform a page erase on the selected EEPROM page. (Wait 35 ms after each page erase operation.)
EEPROM must first be unlocked. Page 0 and Page 1 erase are allowed only in manufacturing test mode.
EEPROM_PASSWORD REGISTER
Table 60. Register 0xD5—EEPROM_PASSWORD
Bits
Bit Name
R/W
Description
[7:0]
EEPROM
password
W
Write the password to this register to unlock EEPROM and/or to change the EEPROM password.
TRIM_PASSWORD REGISTER
Table 61. Register 0xD6—TRIM_PASSWORD
Bits
Bit Name
R/W
Description
[7:0]
Trim password
W
Write the password to this register to unlock the trim registers for write access. Write the trim password
twice (default 0x00) to unlock the register; write any other value to exit.
EEPROM_INFO COMMAND
Code 0xF1, block read/write. This command reads the manufacturer’s data from the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com