Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 37 of 84
DATA TRANSMISSION FAULTS
Data transmission faults occur when two communicating devices
violate the PMBus communication protocol, as specified in the
PMBus specification. See the PMBus specification for more
information about each fault condition.
Corrupted Data, PEC (Item 10.8.1)
Parity error checking. Not supported.
Sending Too Few Bits (Item 10.8.2)
Transmission is interrupted by a start or stop condition before
a complete byte (eight bits) has been sent. Not supported; any
transmitted data is ignored.
Reading Too Few Bits (Item 10.8.3)
Transmission is interrupted by a start or stop condition before
a complete byte (eight bits) has been read. Not supported; any
received data is ignored.
Host Sends or Reads Too Few Bytes (Item 10.8.4)
If a host ends a packet with a stop condition before the required
bytes are sent/received, it is assumed that the host intended to
stop the transfer. Therefore, the PMBus does not consider this
to be an error and takes no action, except to flush any remain-
ing bytes in the transmit FIFO.
Host Sends Too Many Bytes (Item 10.8.5)
If a host sends more bytes than are expected for the corres-
ponding command, the PMBus slave considers this a data
transmission fault and responds as follows:
NACKs all unexpected bytes as they are received
Flushes and ignores the received command and data
Sets the CML bit in the STATUS_BYTE register
Host Reads Too Many Bytes (Item 10.8.6)
If a host reads more bytes than are expected for the corres-
ponding command, the PMBus slave considers this a data
transmission fault and responds as follows:
Sends all 1s (0xFF) as long as the host continues to
request data
Sets the CML bit in the STATUS_BYTE register
Device Busy (Item 10.8.7)
The PMBus slave device is too busy to respond to a request
from the master device. Not supported.
DATA CONTENT FAULTS
Data content faults occur when data transmission is successful,
but the PMBus slave device cannot process the data that is
received from the master device.
Improperly Set Read Bit in the Address Byte (Item 10.9.1)
All PMBus commands start with a slave address with the R/W
bit cleared (set to 0), followed by the command code. If a host
starts a PMBus transaction with R/W set in the address phase
(equivalent to an I2C read), the PMBus slave considers this a
data content fault and responds as follows:
ACKs the address byte
NACKs the command and data bytes
Sends all 1s (0xFF) as long as the host continues to
request data
Sets the CML bit in the STATUS_BYTE register
Invalid or Unsupported Command Code (Item 10.9.2)
If an invalid or unsupported command code is sent to the
PMBus slave, the code is considered to be a data content fault,
and the PMBus slave responds as follows:
NACKs the illegal/unsupported command byte and data
bytes
Flushes and ignores the received command and data
Sets the CML bit in the STATUS_BYTE register
Reserved Bits (Item 10.9.5)
Accesses to reserved bits are not a fault. Writes to reserved bits
are ignored, and reads from reserved bits return 0.
Write to Read-Only Commands
If a host performs a write to a read-only command, the PMBus
slave considers this a data content fault and responds as follows:
NACKs all unexpected data bytes as they are received
Flushes and ignores the received command and data
Sets the CML bit in the STATUS_BYTE register
Note that this is the same error described in the Host Sends Too
Many Bytes (Item 10.8.5) section.
Read from Write-Only Commands
If a host performs a read from a write-only command, the
PMBus slave considers this a data content fault and responds
as follows:
Sends all 1s (0xFF) as long as the host continues to
request data
Sets the CML bit in the STATUS_BYTE register
Note that this is the same error described in the Host Reads Too
Many Bytes (Item 10.8.6) section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com