Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 32Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 36 of 84
Sr
A
SLAVE
ADDRESS
A
R
A
SA
W
SLAVE
ADDRESS
COMMAND
CODE
A
BYTE COUNT
= N
DATA BYTE 1
MASTER TO SLAVE
SLAVE TO MASTER
P
A
DATA BYTE N
Figure 42. Block Read Protocol
Clock Generation and Stretching
The ADP1047/ADP1048 are always PMBus slave devices in the
overall system; therefore, the device never needs to generate the
clock, which is done by the master device in the system. How-
ever, the PMBus slave device is capable of clock stretching to
put the master in a wait state. By stretching the SCL signal
during the low period, the slave device communicates to the
master device that it is not ready and that the master device
must wait.
Conditions where the PMBus slave device stretches the SCL line
low include the following:
The master device is transmitting at a higher baud rate
than the slave device.
The receive buffer of the slave device is full and must be
read before continuing. This prevents a data overflow
condition.
The slave device is not ready to send data that the master
has requested.
Note that the slave device can stretch the SCL line only during
the low period. Also, whereas the I2C specification allows
indefinite stretching of the SCL line, the PMBus specification
limits the maximum time that the SCL line can be stretched,
or held low, to 25 ms, after which the device must release the
communication lines and reset its state machine.
GENERAL CALL SUPPORT
The PMBus slave is capable of decoding and acknowledging
a general call address. The PMBus device responds to both its
own address and the general call address (0x00). The general
call address enables all devices on the PMBus to be written to
simultaneously.
Note that all PMBus commands must start with the slave
address with the R/W bit cleared (set to 0), followed by the
command code. This is also true when using the general call
address to communicate with the PMBus slave device.
FAST MODE
Fast mode (400 kHz) uses essentially the same mechanics as
the standard mode of operation; the electrical specifications
and timing are most affected. The PMBus slave is capable of
communicating with a master device operating in standard
mode (100 kHz) or fast mode.
FAULT CONDITIONS
The PMBus protocol provides a comprehensive set of fault
conditions that must be monitored and reported. These fault
conditions can be grouped into two major categories: commu-
nication faults and monitoring faults.
Communication faults are error conditions associated with the
data transfer mechanism of the PMBus protocol. Monitoring
faults are error conditions associated with the operation of the
PMBus device, such as output overvoltage protection, and are
specific to each PMBus device. These fault conditions are
described in the Power Supply System and Fault Monitoring
section.
TIMEOUT CONDITION
A timeout condition occurs if any single SCL clock pulse is held
low for longer than the tTIMEOUT of 25 ms (min). Upon detecting
the timeout condition, the PMBus slave device has 10 ms to abort
the transfer, release the bus lines, and be ready to accept a new
start condition. The device initiating the timeout is required to
hold the SCL clock line low for at least tTIMEOUT MAX = 35 ms,
guaranteeing that the slave device is given enough time to reset
its communication protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com