Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 19 of 84
SWITCHING FREQUENCY PROGRAMMING
The switching frequency of the PWM outputs can be programmed from 30 kHz to 400 kHz using Register 0xFE1B, Bits[5:0] (see Table 9).
Table 9. Switching Frequency Settings from 30 kHz to 400 kHz (Register 0xFE1B, Bits[5:0])
Frequency
Setting
(Decimal)
Frequency
(kHz)
Frequency
Setting
(Decimal)
Frequency
(kHz)
Frequency
Setting
(Decimal)
Frequency
(kHz)
Frequency
Setting
(Decimal)
Frequency
(kHz)
0
30.05
16
107.76
32
204.92
48
277.78
1
32.55
17
111.61
33
208.33
49
284.09
2
35.51
18
115.74
34
211.86
50
290.70
3
39.06
19
120.19
35
215.52
51
297.62
4
43.40
20
125.00
36
219.30
52
304.88
5
48.83
21
130.21
37
223.21
53
312.50
6
52.06
22
135.87
38
227.27
54
320.51
7
55.80
23
142.05
39
231.48
55
328.95
8
60.10
24
148.81
40
235.85
56
337.84
9
65.10
25
156.25
41
240.38
57
347.22
10
71.02
26
164.47
42
245.10
58
357.14
11
78.13
27
173.61
43
250.00
59
367.65
12
86.81
28
183.82
44
255.10
60
378.79
13
97.66
29
195.31
45
260.42
61
390.63
14
100.81
30
198.41
46
265.96
62
403.23
15
104.17
31
201.61
47
271.74
63
403.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com