Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 52Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 53Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 54Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 56Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 57Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 56 of 84
READ_VOUT REGISTER
This register returns the output voltage (V) in VIN linear mode format (X = Y × 2N).
Table 50. Register 0x8B—READ_VOUT
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VOUT linear mode format (X = Y × 2N). The exponent (N) is set in the
VOUT_MODE register (Register 0x20, Bits[2:0]). The exponent is in twos complement format.
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in VOUT linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in VOUT linear mode format (X = Y × 2N).
READ_PIN REGISTER
This register returns the input power (W) in power linear mode format (X = Y × 2N).
Table 51. Register 0x97—READ_PIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in power linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[2:0]).
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in power linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in power linear mode format (X = Y × 2N).
PMBUS_REVISION REGISTER
Table 52. Register 0x98—PMBUS_REVISION
Bits
Bit Name
R/W
Description
[7:0]
Revision
R
Return the revision of PMBus that the device is compliant with.
MFR_ID REGISTER
Table 53. Register 0x99—MFR_ID
Bits
Bit Name
R/W
Description
[7:0]
MFR_ID
R
Return the manufacturer’s ID.
MFR_MODEL REGISTER
Table 54. Register 0x9A—MFR_MODEL
Bits
Bit Name
R/W
Description
[7:0]
Model
R
Return the manufacturer’s model number.
MFR_REVISION REGISTER
Table 55. Register 0x9B—MFR_REVISION
Bits
Bit Name
R/W
Description
[7:0]
Revision
R
Return the manufacturer’s revision number.
EEPROM_DATA_00 Through EEPROM_DATA_15 COMMANDS
Code 0xB0 through Code 0xBF, read/write block. The EEPROM_DATA_00 through EEPROM_DATA_15 commands are used to read
data from the EEPROM and write data to the EEPROM. EEPROM_DATA_00 reads from and writes to Page 0 of the EEPROM main
block; EEPROM_DATA_01 reads from and writes to Page 1 of the EEPROM main block, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com