Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 8 of 84
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SDA, SCL PINS
VDD = 3.3 V
Input Low Voltage
0.8
V
Input High Voltage
2.2
V
Output Low Voltage
0.4
V
Pull-Up Current
100
350
μA
Leakage Current
−5
+5
μA
SERIAL BUS TIMING
Clock Frequency
10
100
400
kHz
Glitch Immunity
tSW
50
ns
Bus Free Time
tBUF
1.3
μs
Start Condition Hold Time
tHD;STA
0.6
μs
Start Condition Setup Time
tSU;STA
0.6
μs
Stop Condition Setup Time
tSU;STO
0.6
μs
Data Hold Time
tHD;DAT
300
ns
Data Setup Time
tSU;DAT
100
ns
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Time
tLOW
1.3
μs
SCL High Time
tHIGH
0.6
μs
Clock Low Extend Time
tLOW;SEXT
25
ms
SCL, SDA Rise Time
tR
20
300
ns
SCL, SDA Fall Time
tF
20
300
ns
EEPROM RELIABILITY
Endurance
10,000
Cycles
Data Retention
Temperature = 85°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com