Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 16 of 84
Figure 12 shows an example of the output voltage and the OVP
thresholds set. The rising and falling thresholds, FAST_OVP_
FAULT_RISE and FAST_OVP_FAULT_FALL, respectively, are
used for fast OVP protection. FAST_OVP_FAULT_RISE
corresponds to OVPUP, which is the trip point for overvoltage
protection (see Figure 13). FAST_OVP_FAULT_FALL corre-
sponds to OVPDOWN, which is the reset point for the fast OVP.
When the rising threshold is triggered, the programmed action
is applied and the threshold is switched to the programmed fall-
ing threshold (if the programmed falling threshold is different
from the rising threshold).
A blanking time is applied when the thresholds are switched to
avoid spurious signals (see the timing diagram in Figure 13). A
programmable debounce time is applied to the OVP signal as
well to avoid false triggering.
The rising and falling thresholds are programmable from 1 V
to 1.5 V (at the OVP pin) using Register 0xFE2F and Register
0xFE30, respectively.
Open-Loop Protection
Open-loop protection detects differences between the OVP and
VFB pins. Identical resistor dividers are applied to these pins;
therefore, if a voltage difference is present, it means that one or
more resistors in the dividers have the wrong values or are not
connected. In this case, it is usually recommended that the user
shut down the system to prevent damage.
The open-loop protection detects a difference in voltage in
excess of ~100 mV, which equates to approximately 6.6% of
the full-scale range.
A debounce time of 10 μs is added to avoid false triggering. If
filtering capacitors are applied to the OVP and VFB pins, care
must be taken to make sure that the time constant difference
does not exceed 10 μs.
ADC INPUT RANGE = 1.6V
VOUT_OV_FAULT_LIMIT = 450V (REG 0x40)
FAST OVP
PROGRAMMING
RANGE
1.6V
0.5V
1.0V
VOUT_COMMAND = 385V (REG 0x21)
VOUT_UV_FAULT_LIMIT = 200V (REG 0x44)
VOUT_OV_WARN_LIMIT = 420V (REG 0x42)
ADC
FULL
RANGE
FAST_OVP_FAULT_RISE = 435V (REG 0xFE2F)
FAST_OVP_FAULT_FALL = 400V (REG 0xFE30)
Figure 12. Output Voltage Levels
OVPUP
OVPDOWN
OUTPUT
VOLTAGE
OVP PIN
OVPFLAG
DEBOUNCE
TIME
10µs
Figure 13. OVP Thresholds and Timing
Table 7. Programmable Options for Open-Loop Protection (OLP)
Parameter
Values or Options
Comments
Debounce Time
10 μs (fixed)
Minimum duration of pulse to be considered
Propagation Delay
200 ns (fixed)
Does not include debounce
Actions for OLP
Immediate shutdown and wait for PSON;
disable PWM until the flag is cleared;
shut down and soft start; ignore (do nothing)
Register 0xFE02, Bits[7:6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com