Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 62 of 84
PWM AND PWM2 TIMING REGISTERS
Register 0xFE0C through Register 0xFE13 configure the rising and falling edges of the PWM outputs.
Table 74. Register 0xFE0C—PWM Rising Edge Timing (PWM Pin)
Bits
Bit Name
R/W
Description
[7:0]
t1
R/W
This register contains the eight MSBs of the 10-bit t1 time.
Table 75. Register 0xFE0D—PWM Rising Edge Setting (PWM Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t1
R/W
These bits contain the two LSBs of the 10-bit t1 time. This value is always used with the eight bits of
Register 0xFE0C, which contains the eight MSBs of the t1 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t1 edge.
0 = no PWM modulation of the t1 edge.
0
t1 sign
R/W
1 = positive sign. Increase of PWM modulation moves t1 right.
0 = negative sign. Increase of PWM modulation moves t1 left.
Table 76. Register 0xFE0E—PWM Falling Edge Timing (PWM Pin)
Bits
Bit Name
R/W
Description
[7:0]
t2
R/W
This register contains the eight MSBs of the 10-bit t2 time.
Table 77. Register 0xFE0F—PWM Falling Edge Setting (PWM Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t2
R/W
These bits contain the two LSBs of the 10-bit t2 time. This value is always used with the eight bits of
Register 0xFE0E, which contains the eight MSBs of the t2 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t2 edge.
0 = no PWM modulation of the t2 edge.
0
t2 sign
R/W
1 = positive sign. Increase of PWM modulation moves t2 right.
0 = negative sign. Increase of PWM modulation moves t2 left.
Table 78. Register 0xFE10—PWM2 Rising Edge Timing (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t1
R/W
This register contains the eight MSBs of the 10-bit t1 time.
Table 79. Register 0xFE11—PWM2 Rising Edge Setting (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t1
R/W
These bits contain the two LSBs of the 10-bit t1 time. This value is always used with the eight bits of
Register 0xFE10, which contains the eight MSBs of the t1 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t1 edge.
0 = no PWM modulation of the t1 edge.
0
t1 sign
R/W
1 = positive sign. Increase of PWM modulation moves t1 right.
0 = negative sign. Increase of PWM modulation moves t1 left.
Table 80. Register 0xFE12—PWM2 Falling Edge Timing (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t2
R/W
This register contains the eight MSBs of the 10-bit t2 time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com