Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1047ARQZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP1047ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1047ARQZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP1047ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 47Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 48Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 49Page - Analog Devices ADP1047ARQZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 46 of 84
RESTORE_USER_ALL COMMAND
Code 0x16, send byte, no data. This command downloads the stored user settings from EEPROM into operating memory.
CAPABILITY REGISTER
This register allows host systems to determine the capabilities of the PMBus device.
Table 20. Register 0x19—CAPABILITY
Bits
Bit Name
R/W
Description
7
Packet error
checking
R
Always reads as 0. Packet error checking (PEC) is not supported.
[6:5]
Maximum bus
speed
R
Return the device PMBus speed capability. These bits are hardcoded to a value of 01 (use the
400 kHz maximum bus speed).
4
SMBALERT#
R
Always reads as 0. SMBALERT# pin and SMBus alert response protocol not supported.
[3:0]
RSVD
R
Reserved.
VOUT_MODE REGISTER
This register sets and reads the format (linear, VID, direct) and exponents for VOUT related commands.
Table 21. Register 0x20—VOUT_MODE
Bits
Bit Name
R/W
Description
[7:5]
Mode
R
Return the output voltage data format. This bit is hardcoded to use linear format.
[4:3]
RSVD
R
Reserved.
[2:0]
Exponent
R/W
Specify the exponent (N) used in VOUT linear mode format (X = Y × 2N). The exponent is in twos
complement format.
VOUT_COMMAND REGISTER
This register sets VOUT to the configured value.
Table 22. Register 0x21—VOUT_COMMAND
Bits
Bit Name
R/W
Description
[15:12]
RSVD
R
Reserved. Always reads as 0000.
[11:0]
Mantissa
R/W
Mantissa (Y[11:0]) used in VOUT linear mode format (X = Y × 2N).
VOUT_SCALE_LOOP REGISTER
This register sets the K factor = VADC/VOUT.
Table 23. Register 0x29—VOUT_SCALE_LOOP
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R/W
Write the exponent (N) in twos complement format for K = Y × 2N.
10
RSVD
R
Always reads as 0.
[9:0]
Mantissa
R/W
Mantissa (Y[9:0]) used in K linear mode format (K = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com