Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
28
Freescale Semiconductor
Table 3. Voltage supply pin descriptions
Supply pin
Function
Pin number
176 LQFP
208 LQFP
416 TEPBGA
VDD12
1
1.2 V core supply (1.08 V - 1.32 V)
23, 50, 67, 110, 138,
175
23, 58, 79, 136, 162,
186, 207
K10,K12,K14,K16,L
11,L13,L15,L17,M1
0,M16,N11,N17,P1
0,P16,R11,R17,T10
,T12,T14,T16,U11,
U13,U15,U17
VSS
1.2 V ground
7, 18, 36, 49, 66, 68,
111, 123, 133, 139,
154, 167, 176
7, 18, 38, 47, 57, 64,
78, 80, 137, 147,
157, 163, 185, 199,
208
AB3,AD10,AD16,A
D4,AE13,AE19,AE2
,AE7,B11,B14,B19,
B2,B25,B5,B8,C12,
C15,C17,C21,C3,C
6,C9,E2,E24,F3,H2
,H25,J3,K11,K13,K
15,K17,K24,L10,L1
2,L14,L16,L2,M11,
M12,M13,M14,M15,
M17,M3,N10,N12,N
13,N14,N15,N16,P
11,P12,P13,P14,P1
5,P17,P2,P25,R10,
R12,R13,R14,R15,
R16,R3,T11,T13,T1
5,T17,U10,U12,U14
,U16,V2,Y1
VDD12 ground and VDDPLL ground
(VSSPLL)
24
24
—
VDDE_B
3.3 V I/O supply
This supply is shared with internal flash,
16 MHz IRC oscillator and 4–16MHz crystal
oscillator.
6, 19, 37, 48, 65, 89,
112, 122, 132, 140,
166
6, 19, 37, 48, 56, 63,
77, 105, 138, 146,
156, 164, 184, 198
AD13,AD19,AD2,A
D7,AE10,AE16,AE4
,B17,B21,B24,C19,
E25,H24,L25,N24,
W3
VDDA
2
3.3 V/5 V reference voltage and analog
supply for A/D converter
This supply is shared with the SXOSC.
79
95
AC22
VSSA
Reference ground and analog ground for A/D
converter
80
96
AD22
VDDR
Voltage regulator VREG supply
20
20
AA4
VSSR
Voltage regulator ground
21
21
—
VDDE_A
2
3.3 V/5 V I/O supply
This supply is shared with the SXOSC.
77
93
AD23
VSSE_A
3.3 V/5 V I/O supply ground
78
94
AC23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com