Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
75
4.8.2
DC specification for CMOS090LP2fg library @ VDDE = 5.0 V
NOTE
These pad specifications are applicable for pads in the Analog segment Only. See the
"GPIO power bank supplies and functionality" table in the "Voltage Regulators and Power
Supplies" chapter of the reference manual for details.
Table 25. DC electrical specifications
Symbol
C
Parameter
Condition
Value
Unit
SpecID
Min
Max
Vdd
SR
P Core supply voltage
1.08
1.32
V
D9.17
Vdde
SR
P I/O supply voltage
4.5
5.5
V
D9.18
Vdd33
SR
P I/O pre-driver supply voltage
3.0
3.6
V
D9.19
Vih_hys
SR
P CMOS input buffer high
voltage
With hysteresis enabled
0.65
Vdde
Vdde+0.3
V
D9.20
Vil_hys
SR
P CMOS input buffer low
voltage
With hysteresis enabled
Vss–0.3
0.35
Vdde
V
D9.21
Vih
SR
P CMOS input buffer high
voltage
With hysteresis disabled
0.55
Vdde
Vdde+0.3
V
D9.22
Vil
SR
P CMOS input buffer low
voltage
With hysteresis disabled
Vss–0.3
0.40
Vdde
V
D9.23
Vhys
SR
T CMOS input buffer hysteresis
0.1
Vdde
V
D9.24
Pull_Ioh
SR
P Weak pullup current
35
135
A
D9.25
Pull_Iol
SR
P Weak pulldown current
35
200
A
D9.26
Iinact_d
SR
P Digital pad input leakage
current
Weak pull inactive
–2.5
2.5
A
D9.27
Iinact_a
SR
P Analog pad input leakage
current
Weak pull inactive
–150
150
nA
D9.28
Voh
SR
P Slew rate controlled output
high voltage
—0.8
Vdde
V
D9.29
Vol
SR
P Slew rate controlled output
low voltage
——
0.2
Vdde
V
D9.30
Voh_ls
SR
C Low swing output pad output
high voltage
2.64
V
D9.31
Ioh_msr
SR
C pad_msr_hv Ioh
11.6
40.7
mA
D9.32
Iol_msr
SR
C pad_msr_hv Iol
17.7
68.2
mA
D9.33
Ioh_ssr
SR
C pad_ssr_hv Ioh
6.0
21.3
mA
D9.34
Iol_ssr
SR
C pad_ssr_hv Iol
9.2
36.3
mA
D9.35
Rtgate
SR
D Pad_tgate_hv input
resistance
250
800
D9.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com