Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
78
Freescale Semiconductor
4.8.3
DC specification for CMOS090_ddr library @ VDDE = 3.3 V
pad_ssr_hv2
37
50
5.5
11
9
130
50
5.5
01
2.5
650
50
5.5
00
0.5
840
200
5.5
00
1.5
1 All loads are lumped loads.
2 Average current is for pad configured as output only. Use pad_i current for input.
Table 29. DC electrical specifications at 3.3 V VDDE
Symbol
Parameter
Value
Unit
SpecID
Min
Max
Vdd
SR Core supply voltage
1.08
1.47
V
D9.71
Vdde
SR I/O supply voltage
3.0
3.6
V
D9.72
Vdd33
SR I/O pre-driver supply voltage
3.0
3.6
V
D9.73
Vref
SR Input reference voltage
1.3
1.7
V
D9.74
Vtt
SR Termination voltage
Vref–0.05
Vref+0.05
V
D9.75
Vih
SR Input high voltage
Vref+0.20
—
V
D9.76
Vil
SR Input low voltage
—
Vref–0.2
V
D9.77
Voh
SR Output high voltage
Vtt+0.8
—
V
D9.78
Vol
SR Output low voltage
—
Vtt–0.8
V
D9.79
Table 30. Output drive current @ VDDE = 3.3 V (+/-10%)
Pad
C
Drive mode
Minimum Ioh (mA)
Minimum Iol (mA)
pad_st_acc
D
111
–16
16
pad_st_dq
D
111
–16
16
pad_st_clk
D
111
–16
16
pad_st
D
111
–16
16
pad_st_odt
D
111
–16
16
pad_st_ck
D
111
–16
16
Table 28. AVG IDDE specifications
Cell
Period (ns)
Load (pF)1
VDDE (V)
Drive/slew select
IDDE (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com