Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
73
4.8
DC electrical specifications
4.8.1
DC specification for CMOS090LP2 library @ VDDE = 3.3 V
NOTE
These pad specifications are applicable for pads in the Digital segment Only. See the "GPIO
power bank supplies and functionality" table in the "Voltage Regulators and Power
Supplies" chapter of the reference manual for details.
6 Flash in Low Power. RC-osc128KHz & RC-OSC 16MHzon. 10MHz XTAL clock.FlexCAN: instances: 0, 1ON (clocked but no
reception or transmission), LINFLEX: instances 0, 1, 2 ON (clocked but no reception or transmission). eMIOS: instance: 0, 1
ON - 16 channels on with PWM20KHz. DSPI: instance: 0 (clocked but no communication). DCUs, TCON, VIU, GPU clock
gated, RTC/API ON.PIT ON. STM ON. ADC ON but not converting.
7 No clock, RC 16MHz off, RCI 128KHz on, PLL off, HPvreg off, ULPVreg/LPVreg on. All possible peripherals off and clock
gated. Flash in power down mode.
8 ULPreg ON, HP/LPVreg off, 64KB RAM on, device configured for minimum consumption, all possible modules switched-off.
9 ULPreg ON, HP/LPVreg off, 8KB RAM on, device configured for minimum consumption, all possible modules switched-off.
Table 22. DC electrical specifications
Symbol
C
Parameter
Condition
Value
Unit
SpecID
Min
Max
Vdd
SR
P Core supply voltage
—
1.08
1.47
V
D9.1
Vdde
SR
P I/O supply voltage
—
3.0
3.6
V
D9.2
Vdd33
SR
P I/O pre-driver supply voltage
—
3.0
3.6
V
D9.3
Vih_c
SR
P CMOS input buffer high
voltage
With hysteresis enabled
0.65
Vdde
Vdde+0.3
V
D9.4
With hysteresis disabled
0.55
Vdde
Vdde+0.3
Vil_c
SR
P CMOS input buffer low
voltage
With hysteresis enabled
Vss–0.3
0.35
Vdde
V
D9.5
With hysteresis disabled
Vss–0.3
0.40
Vdde
Vhys_c
SR
T CMOS input buffer hysteresis
—
0.1
Vdde
—
V
D9.6
Vih_fod_h
SR
P 5 V tolerant CMOS input
buffer high voltage
With hysteresis enabled
0.65
Vdd33
Vdd33+0.3
V
D9.7
Vil_fod_h
SR
P 5 V tolerant CMOS input
buffer low voltage
With hysteresis enabled
Vss–0.3
0.35
Vdd33
V
D9.8
Iact_s
SR
T Selectable weak
pullup/pulldown current
—
25
150
AD9.9
Iinact_d
SR
P Digital pad input leakage
current
Weak pull inactive
–2.5
2.5
A
D9.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com