Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
87
4.13
Fast internal RC oscillator (16 MHz) electrical characteristics
The device provides a fast internal RC oscillator (FIRC). This is used as the default clock at the power-up of the device.
4.14
Slow internal RC oscillator (128 kHz) electrical characteristics
The device provides a slow internal RC oscillator (SIRC). This can be used as the reference clock for the RTC module.
4 Data based on device simulation.
5 2x sys clock required for generation of DDR timing.
6 f
CPU of 125 MHz can be achieved only at temperatures up to 105 °C with a maximum FM depth of 2%.
7 Data based on characterization results, not tested in production
Table 41. Fast internal oscillator electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit SpecID
Min
Typ
Max
fRCM
CC3
3 Guaranteed by device simulation, not tested in production.
P RC oscillator high frequency
TA = 25 °C, trimmed
—
16
—
MHz O12.1
IRCMRUN
CC3 D RC oscillator high frequency current in run-
ning mode
TA = 25 °C, trimmed
—
—
200
µA
O12.2
IRCMPWD
CC3 D RC oscillator high frequency current in power
down mode
TA = 25 °C
—
—
10
µA
O12.3
RCMVAR CC4
4 Guaranteed by device characterization, not tested in production.
C RC oscillator variation in temperature and
supply with respect to fRC at TA = 55 °C in
high-frequency configuration
—
–5
—
+5
%
O12.5
Table 42. Slow internal RC oscillator electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
SpecID
Min
Typ
Max
fRCL
CC3
3 Guaranteed by device simulation, not tested in production
P RC oscillator low frequency
TA = 25 °C, trimmed
—
128
—
kHz
O13.1
IRCL
CC3 D RC oscillator low frequency current
TA = 25 °C, trimmed
—
—
5
µA
O13.2
RCLVAR
3
CC3 C RC oscillator variation in temperature and
supply with respect to fRC at TA = 55 °C in
high frequency configuration
High frequency config-
uration
–10
—
+10
%
O13.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com