Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
17
1.4.21
Analog-to-Digital Converter (ADC)
The ADC features the following:
•
10-bit A/D resolution
•
0–5 V or 0–3.3 V common mode conversion range
•
Supports conversions speeds of up to 1
s
•
20 internal and 8 external channels support
•
Up to 20 single-ended inputs channels
— 10 channels configured as input only pins
–
10-bit ± 2 counts accuracy (TUE)
— 10 channels configured to have alternate function as general purpose input/output pins
–
10-bit ± 3 counts accuracy (TUE)
•
External multiplexer support to increase up to 27 channels
— Automatic 1 × 8 multiplexer control
— External multiplexer connected to a dedicated input channel
— Shared register between the 8 external channels
•
Result register available for every non-multiplexed channel
•
Configurable Left or Right aligned result format
•
Supports for one-shot, scan, and injection conversion modes
•
Injection mode status bit implemented on adjacent 16-bit register for each result
— Supports Access to Result and injection status with single 32-bit read
•
Independently enabling of function for channels:
— Pre-sampling
— Offset error cancellation
—Offset Refresh
•
Conversion Triggering support
— Internal conversion triggering from periodic interrupt timer (PIT)
•
Four configurable analog comparator channels offering range comparison with triggered alarm
— Greater than
— Less than
— Out of range
•
All unused analog pins available as general purpose input pins
•
Selected unused analog pins available as general purpose pins
•
Power Down mode
•
Optional support for DMA transfer of results
1.4.22
Deserial Serial Peripheral Interface (DSPI)
The DSPI modules provide a synchronous serial interface for communication between the MCU and external devices.
The DSPI features:
•
Full duplex, synchronous transfers
•
Master or slave operation
•
Programmable master bit rates
•
Programmable clock polarity and phase
•
End-of-transmission interrupt flag
•
Programmable transfer baud rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com