Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
60
Freescale Semiconductor
4.2
Parameter classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding, the classifications listed in Table 9 are used and the parameters are tagged
accordingly in the tables where appropriate.
NOTE
The classification is shown in the column labeled “C” in the parameter
tables where appropriate.
4.3
Absolute maximum ratings
Table 9. Parameter Classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column
are within this category.
D
Those parameters are derived mainly from simulations.
Table 10. Absolute maximum ratings
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max
VDDA
SR
D Voltage on VDDA pin (ADC reference) with
respect to ground (VSSA)
—
–0.3
+5.5
V
D1.1
Relative to VDD VDD–0.3
VDD+0.3
VSSA
SR
D Voltage on VSSA (ADC reference) pin with
respect VSS
—VSS–0.1
VSS+0.1
V
D1.2
VDDPLL
CC
D Voltage on VDDPLL (1.2 V PLL supply) pin with
respect to ground (VSSPLL)
—1.08
1.4
V
D1.3
Relative to VDD VDD–0.3
VDD+0.3
VDDR
SR
D Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
—
–0.3
+5.5
V
D1.4
Relative to VDD VDD–0.3
VDD+0.3
VSSR
SR
D Voltage on VSSR (regulator ground) pin with
respect to VSS
—VSS–0.1
VSS+0.1
V
D1.5
VDD12
CC
D Voltage on VDD12 pin with respect to ground
(VSS12)
—1.08
1.4
V
D1.6
VSS12
CC
D Voltage on VSS12 pin with respect to VSS
—VSS–0.1
VSS+0.1
V
D1.7
VDDE_A
1
SR
D Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
—
–0.3
+5.5
V
D1.8
VDDE_B
1
SR
D Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSS)
—
–0.3
+3.6
V
D1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com