Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
69
Figure 6. External NPN ballast connections
Table 17. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions
Min
Max
Unit
SpecID
VDDR
SR
P Power supply
—
3.0
5.5
V
D5.1
TJ
SR
D Junction temperature
—
-40
140
°C
D5.2
IREG
CC
T Current consumption
Reference included,
@ 55 °C No load
@ Full load
—
2
11
mA
D5.3
IL
CC
T Output current capacity
DC load current
—
450
mA
D5.4
VDD12
CC
D Output voltage (value @ IL = 0 @ 27°C)
Pre-trimming sigma
< 7 mV
—1.330
V
D5.5
P
Post-trimming
1.145
1.32
T Output voltage (value @ IL = Imax)
Post-trimming
1.145
—
SR
D External decoupling/stability capacitor
4 capacitances of
10 µF each
10 * 4
µF
D5.6
D
ESR of external cap
0.05
0.2
D
1 bond wire R + 1
pad R
0.2
1
LBOND
CC
D Bonding Inductance for Bipolar Base Control pad
—
015
nH
D5.7
CC
D Power supply rejection @ DC @ no load
Cload = 10 µF * 4
—
–30
dB
D5.8
D
@ 200 kHz @ no load
–100
D
@ DC @ 400 mA
–30
D
@ 200 kHz @ 400 mA
–30
CC
D Load current transient
Cload = 10 µF * 4
—
10% to 90%
of IL (max) in
100 ns
D5.9
tSU
CC
T Start-up time after input supply stabilizes1
1 Time after the input supply to the voltage regulator has ramped up (VDDR) and the voltage regulator has asserted the Power
OK signal.
Cload = 10 µF * 4
—
500
µs
D5.10
VRC_CTRL
VDDR
VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com