Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
94
Freescale Semiconductor
Table 45. ADC electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
SpecID
Min
Typ
Max
VSSA
SR
D Voltage on VSSA (ADC
reference) pin with re-
spect to ground (VSS)
3
—
-0.1
—
0.1
V
D15.1
VDDA
SR
D Voltage on VDDA pin
(ADC reference) with re-
spect to ground (VSS)
—VDDE_A–0.1
—
VDDE_A+0.1
V
D15.2
VAINx
SR
D Analog input voltage4
—VSSA-0.1
—
VDDA+0.1
V
D15.3
fADC
SR
D ADC analog frequency
—
6
—
32
MHz
D15.4
tADC_PU SR D ADC power up delay
—
—
—
1.5
µs
D15.5
tADC_S CC
5
T Sample time6
fADC = 32 MHz,
ADC_conf_sample_input =
17
0.5
—
—
µs
D15.6
fADC = 6 MHz,
ADC_conf_sample_input =
127
——
21
tADC_C CC
5
T Conversion time7
fADC = 32 MHz,
ADC_conf_comp = 2
0.625
—
—
µs
D15.7
CS
CC5 D ADC input sampling
capacitance
—
—
—
3
pF
D15.8
CP1
CC5 D ADC input pin
capacitance 1
—
—
—
3
pF
D15.9
CP2
CC5 D ADC input pin
capacitance 2
—
—
—
1
pF
D15.10
CP3
CC5 D ADC input pin
capacitance 3
—
—
—
1
pF
D15.11
RSW1
CC5 D Internal resistance of
analog source
—
—
—
3
k
D15.12
RSW2
CC5 D Internal resistance of
analog source
—
—
—
2
k
D15.13
RAD
CC5 D Internal resistance of
analog source
—
—
—
0.1
k
D15.14
IINJ
SR
T Input current Injection
Current injection on one
ADC input, different from
the converted one
-10
—
10
mA
D15.15
INL
CC5 P Integral Non Linearity
No overload
-1.5
—
1.5
LSB
D15.16
DNL
CC5 P Differential Non Linearity
No overload
-1.0
—
1.0
LSB
D15.17
OFS
CC5 T Offset error
After offset cancellation
—
0.5
—
LSB
D15.18
GNE
CC5 T Gain error
—
—
0.6
—
LSB
D15.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com